Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KQ0805TTE33N Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KQ0805TTE33N
Description  Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0805TTE33N Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KQ0805TTE33N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0805TTE33N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0805TTE33N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0805TTE33N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0805TTE33N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ0805TTE33N Datasheet HTML 6Page - KOA Speer Electronics, Inc. KQ0805TTE33N Datasheet HTML 7Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5.1 Measurement Method
Nominal
Measuring
Inductance Range
Test Equipment
Fixture
Setup
Frequency
3.3 nH to 820 nH
4291A RF Impedance
16193A
E.L = 1.4 cm
Listed
analyzer (H.P)
Test fixture
OSC = 500 mV
Table-1
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 7
SS-193 R7
KOA SPEER ELECTRONICS, INC.
4. Standard Applications
Part
Designation
L
Measuring
Frequency
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Q
Quality
Factor
Minimum
Q
Measuring
Frequency
(MHz)
Marking
Nominal
Inductance
(nH)
Inductance
Tolerance
3
4
250
200
150
100
50
25
500
250
100
50
55
60
65
50
48
33
23
500
400
0.15
0.17
0.20
0.22
0.25
0.27
0.29
0.31
0.34
0.38
0.42
0.46
0.51
0.56
0.64
0.70
1.0
1.4
1.5
1.76
1.9
4000
3400
3300
2600
2500
2050
2000
1650
1450
1200
1100
870
920
850
650
600
560
375
340
2.2
188
2.35
215
1300
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
5
6
7
8
9
0
1
2
3
4
5
6
7
8
9
0
1
2
3
KQ0805TTE12N*
KQ0805TTE15N*
KQ0805TTE18N*
KQ0805TTE22N*
KQ0805TTE27N*
KQ0805TTE33N*
KQ0805TTE39N*
KQ0805TTE47N*
KQ0805TTE56N*
KQ0805TTE68N*
KQ0805TTE82N*
KQ0805TTER10*
KQ0805TTER12*
KQ0805TTER15*
KQ0805TTER18*
KQ0805TTER22*
KQ0805TTER27*
KQ0805TTER33*
KQ0805TTER39*
KQ0805TTER47*
KQ0805TTER56*
680
4
KQ0805TTER68*
820
5
KQ0805TTER82*
350
310
290
250
230
190
180
G: ±2%
J: ±5%
K: ±10%
M:±20%
G: ±2%
J: ±5%
K: ±10%
J: ±5%
K: ±10%
1550
0
1
2
1500
1000
50
600
0.08
0.11
0.12
6000
5500
4700
3.3
6.8
8.2
KQ0805TTE3N3*
KQ0805TTE6N8*
KQ0805TTE8N2*
J: ±5%
K: ±10%
M:±20%
* Add tolerance character (G, J, K, M)
No.
Item
Specification
1
Storage temperature range
-40°C ~ +100°C
2
Operating temperature range
-40°C ~ +125°C
5. Rating


Similar Part No. - KQ0805TTE33N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0805TTE10NB KOA-KQ0805TTE10NB Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTE10NC KOA-KQ0805TTE10NC Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTE10NG KOA-KQ0805TTE10NG Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTE10NH KOA-KQ0805TTE10NH Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTE10NJ KOA-KQ0805TTE10NJ Datasheet
285Kb / 5P
   high Q inductor
More results

Similar Description - KQ0805TTE33N

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com