Selected language     English  Ôľ╝


LA732BTTD101J330 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part No. LA732BTTD101J330
Description  Thick Film Linear Positive Tempco Thermistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KOA [KOA Speer Electronics, Inc.]
Homepage  http://www.koaspeer.com
Logo 

   
 1 page
background image
SS-250 R4
AHA 5/01/08
Thick Film Linear Positive
Tempco Thermistor
LA73 Type
I
Anti-leaching nickel barrier terminations
I
Twenty-five specifiable temperature characteristics
I
Products with lead-free terminations meet EU-RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
I
Marking: Black three-digit on orange
body color
1. Features
KOA SPEER ELECTRONICS, INC.
Part
1J (0603)
2A (0805)
2. Dimensions
Table 1
0.063┬▒0.008
(1.6┬▒0.2)
0.079┬▒0.008
(2.0┬▒0.2)
2B (1206)
0.126┬▒0.008
(3.2┬▒0.2)
LWc
d
t
Dimensions - inches (mm)
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
0.031┬▒0.004
(0.8┬▒0.1)
0.049┬▒0.004
(1.25┬▒0.1)
0.063┬▒0.008
(1.6┬▒0.2)
0.012┬▒0.004
(0.3┬▒0.1)
0.016┬▒0.008
(0.4┬▒0.2)
0.02┬▒0.008
(0.5┬▒0.3)
0.012┬▒0.004
(0.3┬▒0.1)
0.02┬▒0.004
(0.5┬▒0.1)
0.02┬▒0.004
(0.5┬▒0.1)
0.024┬▒0.004
(0.6┬▒0.1)
0.012┬▒... ..
(0.3┬▒
)
+0.2
-0.1
+0.008
-0.004
0.016┬▒... ..
(0.4┬▒
)
+0.2
-0.1
+0.008
-0.004
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
S p e c i f i c a t i o n s g i v e n h e r e i n m a y b e c h a n g e d a t a n y t i m e w i t h o u t p r i o r n o t i c e . P l e a s e c o n f i r m t e c h n i c a l s p e c i fi c a t i o n s b e f o r e y o u o r d e r a n d /o r u s e .
PAGE 1 OF 4
3. Type Designation
The type designation shall be in the following form:
Tolerance
Resistance
Value
J: ┬▒5%
2 significant
figures + 1
multiplier
J
101
T.C.R.
3300
Packaging
TP: 7" Embossed Plastic
2mm pitch
TD: 7" paper
(5,000 pieces/reel)
TD
Termination
Material
T: Sn
(Other termination
styles available,
contact factory
for options)
T
LA73
Type
Size Code
1J: 0603
2A: 0805
2B: 1206
1J
CERTIFIED
CERTIFIED




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA731Jthick film linear positive tempco thermistor 1 2 KOA Speer Electronics, Inc.
LT732Alinear positive tempco thermistor 1 2 KOA Speer Electronics, Inc.
PT722Apositive tempco thermistor 1 2 KOA Speer Electronics, Inc.
KD2004-CF10ACompact medium speed thick film thermal printhead 8dots / mm 1 2 3 4 5 Rohm
KD3008-CF10AThick film thermal printhead 11.8 dots / mm 1 2 3 4 5 Rohm
MCR18_2Thick film rectangular Low resistance series 1 2 3 4 5 Rohm
UR1.7Cylindrical Ultra High Ohmic Resistors Thick film Non-Inductive 1 2 Willow Technologies Ltd
1206S4J012JT5EThick Film Chip Resistors 1 2 3 List of Unclassifed Manufacturers
RC2512Thick Film Chip Resistor General Purpose 1 2 3 4 5 MoreTAITRON Components Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl