Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC9040NATED101M Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # LPC9040NATED101M
Description  Power Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LPC9040NATED101M Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  LPC9040NATED101M Datasheet HTML 1Page - KOA Speer Electronics, Inc. LPC9040NATED101M Datasheet HTML 2Page - KOA Speer Electronics, Inc. LPC9040NATED101M Datasheet HTML 3Page - KOA Speer Electronics, Inc. LPC9040NATED101M Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 4 OF 4
SS-195 R6
Within 90
seconds
230
200
160
Time
Within 6
seconds
Within 30
seconds
Within 45
seconds
9. Soldering
9.1 Conditions for
Reflow Soldering
The time and temperature
for reflow solder applications
are as shown below.
4.0
± 0.2
2.6
± 0.2
3.0
± 0.2
10. Land Pattern
Design
(unit: mm)
8.5 Pattern Design
When low or more chip inductors are closely
mounted, they must be separated by means
of solder resists to prevent excessive solder.
380
7
Content marking
11. Packaging Box
(unit: mm)
KOA SPEER ELECTRONICS, INC.
8. General Information
8.1 Storage
Chip inductors shall not be stored under high
temperature and high humidity conditions.
Especially, do not store taping where they are
exposed to heat or direct sunlight, otherwise,
material may be deformed, causing problems
during mounting.
8.2 Mounting
Placement force should not be excessive.
8.3 Soldering
When using a soldering iron, temperature
shall not exceed 350°C and within 3 seconds.
Soldering iron time shall be allowed only one
time. After soldering, chip inductors shall not
be stressed excessively.
8.4 Cleaning
There is no problem using organic solvents.
Since these chip inductors are a coil of
ultra-thin wire, they are susceptible to
vibration. If an ultrasonic cleaning unit is
used, check for any possibility of problem
generation before practical use, since such
cleaning units differ considerably in vibration
level and mode. Although the conditions
vary depending on the printed board size,
Ultrasonic cleaning is generally used in
the conditions described in the following
examples:
Power:
Within 20W/L
Cleaning times: Within 5 minutes


Similar Part No. - LPC9040NATED101M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC9040NATED101K KOA-LPC9040NATED101K Datasheet
151Kb / 3P
   choke coil inductor
More results

Similar Description - LPC9040NATED101M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
   Power Chip Inductors
logo
Allied Components Inter...
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
   Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
   Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
   Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
   Power Chip Inductors
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
   Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
   Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
   Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
   Power Chip Inductors
PC0403 ALLIED-PC0403 Datasheet
380Kb / 1P
   Power Chip Inductors
PC0504 ALLIED-PC0504 Datasheet
490Kb / 1P
   Power Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com