Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC10065ATED101M Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LPC10065ATED101M
Description  Power Chip Inductors4
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LPC10065ATED101M Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LPC10065ATED101M Datasheet HTML 1Page - KOA Speer Electronics, Inc. LPC10065ATED101M Datasheet HTML 2Page - KOA Speer Electronics, Inc. LPC10065ATED101M Datasheet HTML 3Page - KOA Speer Electronics, Inc. LPC10065ATED101M Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 4
SS-216 R4
4. Rating
KOA SPEER ELECTRONICS, INC.
No.
Item
Specification
1
Storage temperature range
-40°C ~ +85°C
2
Operating temperature range
-30°C ~ +85°C
4.1 Rating
Part
Designation
Inductance
(µH)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(Amps)
Self Resonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
(MHz)
Measured
Frequency
(Hz)
Inductance
Tolerance
M: ±20%
40
30
20
15
L Meas. Freq.
1 MHz
Q Meas. Freq.
2.52 MHz
LPC10065ATEDR68M
0.68
75.0
6.0 m
9.50
LPC10065ATED1R0M
1.0
65.0
7.0 m
9.00
LPC10065ATED1R5M
1.5
50.0
8.0 m
8.50
LPC10065ATED2R2M
2.2
40.0
9.0 m
7.50
LPC10065ATED3R3M
3.3
30.0
0.012
6.80
LPC10065ATED4R7M
4.7
25.0
0.017
5.70
LPC10065ATED6R8M
6.8
20.0
0.024
4.70
LPC10065ATED100K
10
15.0
0.036
3.90
LPC10065ATED150K
15
12.0
0.054
3.15
LPC10065ATED220K
22
9.0
0.080
2.60
LPC10065ATED330K
33
8.0
0.120
2.30
LPC10065ATED470K
47
6.0
0.175
1.79
K: ±10%
K: ±10%
30
100 MHz
LPC10065ATED681K
680
1.0
2.70
0.47
LPC10065ATED102K
1000
0.95
4.00
0.38
LPC10065ATED152K
1500
0.85
6.10
0.31
LPC10065ATED222K
2200
0.70
9.00
0.26
LPC10065ATED332K
3300
0.55
13.5
0.21
LPC10065ATED680K
68
5.0
0.255
1.48
LPC10065ATED101K
100
4.0
0.380
1.22
LPC10065ATED151K
150
3.0
0.580
1.00
LPC10065ATED221K
220
2.5
0.850
0.82
LPC10065ATED331K
330
2.0
1.30
0.67
LPC10065ATED471K
470
1.5
1.85
0.57


Similar Part No. - LPC10065ATED101M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC10065ATED101K KOA-LPC10065ATED101K Datasheet
151Kb / 3P
   choke coil inductor
More results

Similar Description - LPC10065ATED101M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC_10 Datasheet
412Kb / 1P
   Power Chip Inductors
PC1006-602K-RC ALLIED-PC1006-602K-RC Datasheet
276Kb / 1P
   Power Chip Inductors
PC03021-1R0M-RC ALLIED-PC03021-1R0M-RC Datasheet
449Kb / 1P
   Power Chip Inductors
PCI20-1R0M-RC ALLIED-PCI20-1R0M-RC Datasheet
805Kb / 1P
   Power Chip Inductors
PCI60-1R0M-RC ALLIED-PCI60-1R0M-RC Datasheet
323Kb / 1P
   Power Chip Inductors
logo
Coilcraft lnc.
0805PS COILCRAFT-0805PS Datasheet
234Kb / 2P
   Power Chip Inductors
logo
Allied Components Inter...
PC0503 ALLIED-PC0503 Datasheet
398Kb / 1P
   Power Chip Inductors
PC0502 ALLIED-PC0502 Datasheet
387Kb / 1P
   Power Chip Inductors
PC03011 ALLIED-PC03011 Datasheet
356Kb / 1P
   Power Chip Inductors
logo
Dallas Semiconductor
DS1231 DALLAS-DS1231 Datasheet
52Kb / 9P
   Power Monitor Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com