Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KQ0603TTE11N Datasheet(PDF) 7 Page - KOA Speer Electronics, Inc.

Part # KQ0603TTE11N
Description  highQinductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0603TTE11N Datasheet(HTML) 7 Page - KOA Speer Electronics, Inc.

  KQ0603TTE11N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0603TTE11N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0603TTE11N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0603TTE11N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0603TTE11N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ0603TTE11N Datasheet HTML 6Page - KOA Speer Electronics, Inc. KQ0603TTE11N Datasheet HTML 7Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
KQ
high Q inductor
environmental applications (continued)
Performance Characteristics
223
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/07/09
Parameter
260°C ± 5°C, 10s ± 1s
No significant abnormality
in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Requirements Maximum ∆ L/L
Test Method
Resistance to Soldering Heat
-40°C (30min.)/ +125°C (30min.) 100 cycles
No significant abnormality
in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Rapid Change of Temperature
-40°C ± 2°C, 1000h
No significant abnormality
in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Low Temperature Exposure
125°C ± 2°C, 1000h
No significant abnormality
in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
High Temperature Exposure
40°C ± 2°C, 90%~95%RH, 1000h
No significant abnormality
in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Moisture Exposure
Accordance with MIL-STD 202F Method 215
No damage and marking shall
remain legible
Resistance to Solvent
Limit
Typical
∆ L/L: ±2.7%
∆ Q/Q: ±6.6%
∆ L/L: ±0.9%
∆ Q/Q: ±6.9%
∆ L/L: ±1.8%
∆ Q/Q: ±5.3%
∆ L/L: ±1.8%
∆ Q/Q: ±2.8%
∆ L/L: ±2.1%
∆ Q/Q: ±5.3%
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:55 PM
Page 28


Similar Part No. - KQ0603TTE11N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0603TTE11N KOA-KQ0603TTE11N Datasheet
108Kb / 6P
   Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com