Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCL1JHTTDR10 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # MCL1JHTTDR10
Description  Multi Layer Ferrite Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MCL1JHTTDR10 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  MCL1JHTTDR10 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MCL1JHTTDR10 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MCL1JHTTDR10 Datasheet HTML 3Page - KOA Speer Electronics, Inc. MCL1JHTTDR10 Datasheet HTML 4Page - KOA Speer Electronics, Inc. MCL1JHTTDR10 Datasheet HTML 5Page - KOA Speer Electronics, Inc. MCL1JHTTDR10 Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
W
L
d
t
d
Terminations
(Metallization
Bands)
Electrodes
Ni
Plating
Silver
Metallization
Solder
Plating
SS-223 R9
AHA 12/06/06
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec i fi c ati on s g iven her ei n m ay be cha nged a t any ti m e w i tho ut pr i or not i ce. Pl eas e c onf ir m te chni c al s pec if i ca ti ons befor e you or der an d/or u se.
PAGE 1 OF 6
Multi Layer Ferrite Inductors
Type MCL
Monolithic structure for closed magnetic path eliminates
crosstalk and provides high reliability in a wide range
of temperature and humidity ranges
■ Standard EIA packages: 1J, 2A, 2B
■ Nickel barrier with solder overcoat
for excellent solderability
■ Magnetically shielded
* Please note: KSE’s part numbers do not contain any spaces or hyphens.
3. Ordering and Specifying Information*
2. 2.1 Dimensions
1. General
Size
Tolerance
Nominal
Inductance
1J
2A
2B
K: ±10%
M: ±20%
047 = .047µH
R10 = .100µH
1J
J
R10
Packaging
TD: 7" Paper Tape
(1J - 4,000 pcs/reel; 2A - 0.047µH
- 2.2µH = 4,000 pcs/reel)
TE: 7" Embossed Plastic
(2A - 2.7µH - 10µH = 3,000
pcs/reel; 2B - 3,000 pcs/reel)
TE
Termination
Material
T: Sn
(Other termination
styles available,
contact factory
for options)
T
MCL
Type
Material
Permeability
Code:
H
J
H
CERTIFIED
CERTIFIED
L
.063±.006
(1.6±0.15)
.031±.006
(0.8±0.15)
.014±.006
(0.36±0.15)
.031±.006
(0.8±0.15)
W
t
d
1J
(0603)
.079±.008
(2.0±0.2)
.049±.008
(1.25±0.2)
.02±.01
(0.51±0.25)
.035±.008
(0.9±0.2)
2A
(0805)
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
.02±.01
(0.51±0.25)
.043±.008
(1.1±0.2)
2B
(1206)
Size
Code
4. Standard Applications
Part
Designation
Inductance
L (µH)
Minimum
Q
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(mA)
L.Q. Test
Frequency
(MHz)
Self Resonant
Frequency
Typical
(MHz)
0.047
0.068
10
15
50
260
250
0.30
0.50
0.60
0.80
50
245
240
205
180
165
150
136
25
0.082
0.10
0.12
0.15
0.18
0.22
0.27
Operating
Temperature
Range
MCL1JHTTD047M
MCL1JHTTD068M
MCL1JHTTD082M
MCL1JHTTDR10*
MCL1JHTTDR12*
MCL1JHTTDR15*
MCL1JHTTDR18*
MCL1JHTTDR22*
MCL1JHTTDR27*
* Add tolerance character (K, M) - Other tolerances available upon request
-55°C
to
+125°C
SS-223 R9
12/6/06
11:26 AM
Page 1


Similar Part No. - MCL1JHTTDR10

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MCL1JHTTDR10 KOA-MCL1JHTTDR10 Datasheet
139Kb / 3P
   multilayer ferrite inductor
More results

Similar Description - MCL1JHTTDR10

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
   Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808_11 Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CV201210 BOURNS-CV201210_11 Datasheet
190Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
   Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com