Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KQ0603TTE3N3 Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # KQ0603TTE3N3
Description  highQinductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0603TTE3N3 Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

  KQ0603TTE3N3 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0603TTE3N3 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0603TTE3N3 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0603TTE3N3 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0603TTE3N3 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ0603TTE3N3 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KQ0603TTE3N3 Datasheet HTML 7Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
222
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/04
KQ
high Q inductor
environmental applications
L-Frequency Characteristics
100
10
1
100
10000
10
Frequency (MHz)
1
KQT0402
1000
2nH
7.5nH
40nH
10000
10
1
100
10000
10
Frequency (MHz)
1
KQ0603
1000
1000
100
10nH
47nH
180nH
270nH
1000
10
1
100
10
Frequency (MHz)
1
KQ0805
1000
100
6.8nH
47nH
150nH
10000
10
1
Frequency (MHz)
1
KQ1008
1000
100
100
10
1000
10nH
82nH
1
µH
Q-Frequency Characteristics
100
60
40
20
1
100
10000
10
Frequency (MHz)
0
KQT0402
80
1000
2nH
7.5nH
40nH
100
60
40
20
1
100
10000
10
Frequency (MHz)
0
KQ0603
80
1000
10nH
47nH
180nH
270nH
100
60
40
20
1
Frequency (MHz)
0
KQ0805
80
100
10
1000
6.8nH
47nH
150nH
100
60
40
20
1
Frequency (MHz)
0
KQ1008
80
100
10
1000
10nH
82nH
1
µH
Test equipment: HP4291A impedance analyzer
PMS 300 neg.
Black neg.
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:55 PM
Page 27


Similar Part No. - KQ0603TTE3N3

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0603TTE3N3 KOA-KQ0603TTE3N3 Datasheet
108Kb / 6P
   Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com