Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC12065ATED150K Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # LPC12065ATED150K
Description  Surface Mount Power Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LPC12065ATED150K Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  LPC12065ATED150K Datasheet HTML 1Page - KOA Speer Electronics, Inc. LPC12065ATED150K Datasheet HTML 2Page - KOA Speer Electronics, Inc. LPC12065ATED150K Datasheet HTML 3Page - KOA Speer Electronics, Inc. LPC12065ATED150K Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 4
Surface Mount
Power Chip Inductors
Type LPC12065
1. Scope
This specification applies to LPC12065 power chip inductors produced by KOA Corporation.
3. Type Designation
The type designation shall be the following form:
SS-198 R6
AHA 6/29/06
KOA SPEER ELECTRONICS, INC.
Size
Tolerance
Nominal
Inductance
12065
K: ±10%
M: ±20%
N: ±30%
101: 100µH
221: 220µH
152: 1500µH
12065
K
101
Packaging
TED: 10" Embossed Plastic
300 pcs/reel
TED
Termination
Material
A: SnAg
(Other termination
styles available,
contact factory
for options)
A
LPC
Type
New Type
CERTIFIED
CERTIFIED
D
C
E
F
F
A
B
Ferrite
Core
Magnet
Wire
Electrode
Ceramic
Substrate
ABCD
E
F
Dimensions inches
(mm)
ø.472±.008
(ø12.0±0.2)
.295 Max.
(7.5 Max.)
.146±.112
(3.7±0.3)
.488±.008
(12.4±0.2)
.472±.008
(10.0±0.2)
.433
(11.0)
12065
Size
2. Dimensions and Construction


Similar Part No. - LPC12065ATED150K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC12065ATED150K KOA-LPC12065ATED150K Datasheet
151Kb / 3P
   choke coil inductor
More results

Similar Description - LPC12065ATED150K

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-2525 RENCO-RL-2525 Datasheet
1Mb / 2P
   SURFACE MOUNT CHIP INDUCTORS
logo
List of Unclassifed Man...
SMC1210 ETC1-SMC1210 Datasheet
17Kb / 1P
   Surface Mount Chip Inductors
logo
RENCO ELECTRONICS, INC.
RL-2515 RENCO-RL-2515 Datasheet
1Mb / 2P
   SURFACE MOUNT CHIP INDUCTORS
RL-2505 RENCO-RL-2505 Datasheet
220Kb / 2P
   SURFACE MOUNT CHIP INDUCTORS
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com