Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGM1812CFTTE2204A Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # KGM1812CFTTE2204A
Description  Three Termination Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KGM1812CFTTE2204A Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

  KGM1812CFTTE2204A Datasheet HTML 1Page - KOA Speer Electronics, Inc. KGM1812CFTTE2204A Datasheet HTML 2Page - KOA Speer Electronics, Inc. KGM1812CFTTE2204A Datasheet HTML 3Page - KOA Speer Electronics, Inc. KGM1812CFTTE2204A Datasheet HTML 4Page - KOA Speer Electronics, Inc. KGM1812CFTTE2204A Datasheet HTML 5Page - KOA Speer Electronics, Inc. KGM1812CFTTE2204A Datasheet HTML 6Page - KOA Speer Electronics, Inc. KGM1812CFTTE2204A Datasheet HTML 7Page - KOA Speer Electronics, Inc. KGM1812CFTTE2204A Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SS-227 R2
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 6 OF 8
KOA SPEER ELECTRONICS, INC.
Item
Requirement
Conditions
Humidity Resistance
Appearance: No physical damage
Temp: 40°C ±2°C
(load)
Capacitance: Within tolerance
Humidity: 90 - 95%
Dielectric Loss: Within tolerance
Bias: 100% of rated voltage
Insulation Resistance: Within tolerance
Test Time: 500+24/-0 hour
Low Temperature
Appearance: No physical damage
Temp: -40°C ±2°C
Resistance
Capacitance: Within tolerance
Test Time: 1000+48/-0 hour
(unload)
Dielectric Loss: Within tolerance
Insulation Resistance: Within tolerance
Vibration
Appearance: No physical damage
The frequency of applied vibration should be
Capacitance: Within tolerance
swept from 10 Hz to 55 Hz and return to 10 Hz.
Dielectric Loss: Within tolerance
This cycle time should be about 1 min and
Insulation Resistance: Within tolerance
this cycle should be repeated.
Amplitude (total Excursion): 1.5 mm
This motion shall be applied for period of
2 hours in each 3 mutually perpendicular
axes. (total of 6 hours)
8. Characteristics Cont.
After Temperature cycle test, High temperature resistance test, Humidity resistance test or
Low temperature resistance test, the tested sample should be measured after having left in
temperature from 15° to 35°C and relative humidity from 45% to 75% for 24 hours.
9. Packaging Specifications
9.1 Taping
Packaging of components on continuous tape is complete with
carrier tape for putting components and cover tape for sealing.
(1) Dimensions of Carrier Tape
Empty
Top tape
15.75 (400)
6.30 (160)
6.30 (160)
Empty
Tape running direction


Similar Part No. - KGM1812CFTTE2204A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KGM1812CFTTE2204A KOA-KGM1812CFTTE2204A Datasheet
106Kb / 3P
   three-terminal capacitor
More results

Similar Description - KGM1812CFTTE2204A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KCR1206T1 KOA-KCR1206T1 Datasheet
95Kb / 6P
   Three Termination Capacitor/Resistor EMI Filter for Signal Lines
KGM0603C KOA-KGM0603C Datasheet
106Kb / 3P
   three-terminal capacitor
KCR1206T KOA-KCR1206T Datasheet
103Kb / 3P
   three-terminal capacitor/resistor
KC1JTTD KOA-KC1JTTD Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
logo
Motorola, Inc
MC3448A MOTOROLA-MC3448A Datasheet
424Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER WITH TERMINATION NETWORKS
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
logo
Murata Manufacturing Co...
GRJ31CR72E473KWJ3 MURATA-GRJ31CR72E473KWJ3 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21AR72E472KWJ1 MURATA-GRJ21AR72E472KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21BR72E153KWJ3 MURATA-GRJ21BR72E153KWJ3 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ31BR72J332KWJ1 MURATA-GRJ31BR72J332KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com