Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGM1812EFTTE2204A Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # KGM1812EFTTE2204A
Description  Three Termination Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KGM1812EFTTE2204A Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  KGM1812EFTTE2204A Datasheet HTML 1Page - KOA Speer Electronics, Inc. KGM1812EFTTE2204A Datasheet HTML 2Page - KOA Speer Electronics, Inc. KGM1812EFTTE2204A Datasheet HTML 3Page - KOA Speer Electronics, Inc. KGM1812EFTTE2204A Datasheet HTML 4Page - KOA Speer Electronics, Inc. KGM1812EFTTE2204A Datasheet HTML 5Page - KOA Speer Electronics, Inc. KGM1812EFTTE2204A Datasheet HTML 6Page - KOA Speer Electronics, Inc. KGM1812EFTTE2204A Datasheet HTML 7Page - KOA Speer Electronics, Inc. KGM1812EFTTE2204A Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SS-227 R2
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 8
KOA SPEER ELECTRONICS, INC.
Part
Designation
Capacitance
(pF)
Capacitance
Tolerance
(%)
Rated
Voltage
DC (V)
Rated
Current
DC (A)
Insulation
Resistance
Minimum
(M
Ω)
Operating
Temperature
Range
KGM0603ECTTE2202A
KGM0603ECTTE4702A
KGM0603ECTTE1012A
KGM0603ECTTE2212A
KGM0603ECTTE4712A
KGM0603ECTTE1022A
KGM0603CCTTE2222A
KGM0603CCTTE3322A
KGM0603CFTTE2232A
KGM0603CFTTE1042A
KGM0805HCTTE2202A
KGM0805HCTTE4702A
KGM0805HCTTE1012A
KGM0805ECTTE2212A
KGM0805ECTTE4712A
KGM0805ECTTE1022A
KGM0805ECTTE2222A
KGM0805ECTTE3322A
KGM0805EFTTE1042A
KGM0805CFTTE1052A
KGM1206HCTTE2202A
KGM1206HCTTE4702A
KGM1206HCTTE1012A
KGM1206HCTTE2212A
KGM1206HCTTE4712A
KGM1206HCTTE1022A
KGM1206VCTTE2222A
KGM1206ECTTE2722A
KGM1206ECTTE3322A
KGM1206ECTTE1032A
KGM1206EFTTE1042A
KGM1812HCTTE4714A
KGM1812HCTTE1024A
KGM1812HCTTE2224A
KGM1812ECTTE6824A
22
47
100
220
470
1000
2200
3300
22,000
100,000
22
47
100
220
470
1000
2200
3300
100,000
1,000,000
22
47
100
220
470
1000
2200
2700
3300
10,000
100,000
470
1000
2200
6800
25
16
50
25
16
50
35
25
50
25
-40°C to +85°C
1000
2
+50 ~ -20
-40°C to +85°C
1000
2
+50 ~ -20
-40°C to +85°C
1000
2
+50 ~ -20
+50 ~ -20
2
1000
-40°C to +85°C
6. Standard Applications


Similar Part No. - KGM1812EFTTE2204A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KGM1812EFTTE2204A KOA-KGM1812EFTTE2204A Datasheet
106Kb / 3P
   three-terminal capacitor
More results

Similar Description - KGM1812EFTTE2204A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KCR1206T1 KOA-KCR1206T1 Datasheet
95Kb / 6P
   Three Termination Capacitor/Resistor EMI Filter for Signal Lines
KGM0603C KOA-KGM0603C Datasheet
106Kb / 3P
   three-terminal capacitor
KCR1206T KOA-KCR1206T Datasheet
103Kb / 3P
   three-terminal capacitor/resistor
KC1JTTD KOA-KC1JTTD Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
logo
Motorola, Inc
MC3448A MOTOROLA-MC3448A Datasheet
424Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER WITH TERMINATION NETWORKS
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
logo
Murata Manufacturing Co...
GRJ31CR72E473KWJ3 MURATA-GRJ31CR72E473KWJ3 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21AR72E472KWJ1 MURATA-GRJ21AR72E472KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21BR72E153KWJ3 MURATA-GRJ21BR72E153KWJ3 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ31BR72J332KWJ1 MURATA-GRJ31BR72J332KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com