Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVD10SCMHT Datasheet(PDF) 11 Page - KOA Speer Electronics, Inc.

Part # NVD10SCMHT
Description  Metal Oxide Varistor Disk Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVD10SCMHT Datasheet(HTML) 11 Page - KOA Speer Electronics, Inc.

Back Button NVD10SCMHT Datasheet HTML 4Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 5Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 6Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 7Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 8Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 9Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 10Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 11Page - KOA Speer Electronics, Inc. NVD10SCMHT Datasheet HTML 12Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SS-245 R4
PAGE 11 OF 12
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
øD max.
Series
22 ~ 270 V
360 ~ 470 V
NV [ ] D05U-CB3
0.276
0.295
(7.0)
(7.5)
NV [ ] D07U-CB3
0.354
0.374
(9.0)
(9.5)
NV [ ] D10UB-CB3
0.472
–––
(12.0)
NV [ ] D10U-CB3
0.472
0.492
(12.0)
(12.5)
7. Packaging (Continued)
F1
P0
W
W0
W1
W2
øD*
ød
A1
D0
A
e
H
H1
P
P1
∆h2
F
∆h1
Cross Section (A-A1)
t
* Refer to table below
Dimensions in inches (mm)


Similar Part No. - NVD10SCMHT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD10SCD10UBA KOA-NVD10SCD10UBA Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10SCD10UBBK KOA-NVD10SCD10UBBK Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10SCD10UCA KOA-NVD10SCD10UCA Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10SCD10UCBK KOA-NVD10SCD10UCBK Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10SCDGJTA KOA-NVD10SCDGJTA Datasheet
104Kb / 3P
   metal oxide varistor disc type
More results

Similar Description - NVD10SCMHT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com