Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPO1206IT Datasheet(PDF) 10 Page - KOA Speer Electronics, Inc.

Part # NPO1206IT
Description  Ceramic Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NPO1206IT Datasheet(HTML) 10 Page - KOA Speer Electronics, Inc.

Back Button NPO1206IT Datasheet HTML 5Page - KOA Speer Electronics, Inc. NPO1206IT Datasheet HTML 6Page - KOA Speer Electronics, Inc. NPO1206IT Datasheet HTML 7Page - KOA Speer Electronics, Inc. NPO1206IT Datasheet HTML 8Page - KOA Speer Electronics, Inc. NPO1206IT Datasheet HTML 9Page - KOA Speer Electronics, Inc. NPO1206IT Datasheet HTML 10Page - KOA Speer Electronics, Inc. NPO1206IT Datasheet HTML 11Page - KOA Speer Electronics, Inc. NPO1206IT Datasheet HTML 12Page - KOA Speer Electronics, Inc. NPO1206IT Datasheet HTML 13Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
KOA SPEER ELECTRONICS, INC.
TN-196 R12
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 10 OF 13
13. Typical Impedance Characteristics - Y5V
1,000
10,000
Frequency (MHz)
1
μF - 1206
Impedance vs. Frequency
1
10
100
0.01
0.1
100,000
1,000,000
10,000,000
1,000
10,000
100
0
+20
+30
+40
+60
+50
+70
+80 +85
Temperature
°C
Insulation Resistance vs. Temperature
+20
+10
0
-55
-35 -15
+5 +25 +45 +65 +85 +105 +125
Temperature
°C
Temperature Coefficient
-60
-50
-40
-30
-20
-10
-70
-80
+20
+40
0
0
DC Bias Voltage
Capacitance Change
vs. DC Bias Voltage
-60
-40
-20
-100
-80
20
40
60
80
100
1,000
10,000
Frequency (MHz)
0.22
μF - 0805
Impedance vs. Frequency
1
10
100
0.01
0.1
100,000
1,000,000
10,000,000
10,000
1,000
10,000
Frequency (MHz)
0.1
μF - 0603
Impedance vs. Frequency
1
10
100
0.01
0.1
100,000
1,000,000
10,000,000
TN-196 R12
1/25/07
9:45 AM
Page 10


Similar Part No. - NPO1206IT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPO1206 ETC1-NPO1206 Datasheet
133Kb / 7P
   ceramic chip capacitors
logo
KOA Speer Electronics, ...
NPO1206ATTD101B KOA-NPO1206ATTD101B Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO1206ATTD101C KOA-NPO1206ATTD101C Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO1206ATTD101D KOA-NPO1206ATTD101D Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO1206ATTP101B KOA-NPO1206ATTP101B Datasheet
161Kb / 6P
   ceramic chip capacitors
More results

Similar Description - NPO1206IT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com