Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR732BTTPL1R00 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SR732BTTPL1R00
Description  lo-ohm 0.5%, 1%, 2%,5%tolerance thick film current sense resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR732BTTPL1R00 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SR732BTTPL1R00 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR732BTTPL1R00 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
33
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
SR73
lo-ohm 0.5%, 1%, 2%, 5% tolerance thick film
current sense resistor
* Parenthesis indicate EIA package size codes.
** See Appendix D for available decade values.
*** 1H, 1E (F: ±1%) E-24 values only.
1
Please contact factory for limitation of Surface Mount Temp. Rise
Absolute
Maximum
Working
Voltage
E-24, E-96
(F±1%)
E-24
(G±2%)
E-24
(J±5%)
Part
Designation*
Maximum
Overload
Voltage
(5 Secs. Max.)
Operating
Temperature
Range
Power
Rating
@ 70°C
applications and ratings
SR731E
(0402)
SR731J
(0603)
0.51
Ω - 10Ω***
0.2
Ω - 0.47Ω***
0.1
Ω - 0.18Ω***
0.51
Ω - 10Ω
0.2
Ω - 0.47Ω
0.1
Ω - 0.18Ω
0.1
Ω - 10Ω
0.1
Ω - 10Ω
0.1
Ω - 10Ω
0.51
Ω - 10Ω
0.2
Ω - 0.47Ω
1.11V
2.79V
1.41V
3.53V
0.1
Ω - 0.18Ω
±200
±300
1/8W (.125W)
1/6W (.166W1)
1/5W (.2W)
SR732A
(0805)
1.58V
3.95V
1/4W (.25W)
1/3W (.33W1)
±500
±200
Resistance Range**
T.C.R.
(ppm/°C)
Max.
-55°C
to
+150°C
-55°C to
+125°C
0.1
Ω - 10Ω
±100
0.1
Ω - 10Ω
±200
0.1
Ω - 10Ω
±500
0.051
Ω - 0.091Ω
±800
0.030
Ω - 0.047Ω
SR732B
(1206)
1.81V
4.54V
1/3W (.33W)
1/2W (.5W1)
0.1
Ω - 10Ω
±100
0.1
Ω - 10Ω
±200
0.1
Ω - 10Ω
±500
0.056
Ω - 0.091Ω
±800
0.030
Ω - 0.051Ω
SR732H/W2H
(2010)
2.73V
6.84V
3/4W (.75W)
0.1
Ω - 10Ω
±100
0.1
Ω - 10Ω
±200
0.1
Ω - 10Ω
±500
0.056
Ω - 0.091Ω
±800
0.033
Ω - 0.051Ω
SR733A/W3A
(2512)
3.16V
7.90V
1W
0.1
Ω - 10Ω
±100
0.1
Ω - 10Ω
±200
0.1
Ω - 10Ω
±500
0.056
Ω - 0.091Ω
±800
0.039
Ω - 0.051Ω
SR732E
(1210)
2.23V
5.59V
1/2W (.5W)
2/3W (.66W1)
0.1
Ω - 10Ω
±100
0.1
Ω - 10Ω
±200
0.047
Ω - 10Ω
±500
0.036
Ω - 0.043Ω
±1000
0.024
Ω - 0.033Ω
Derating Curve
Performance Characteristics
Surface Temperature Rise
environmental applications
100
80
60
40
20
-60
-40
0
406080100160
70
20
Ambient Temperature
(°C)
0
-55
120
125
-20
140
150
1H
1E, 1J,
2A, 2B, 2E,
2H, 3A,
W2H, W3A
180
160
120
80
40
25
50
75
100
% Rated Power
W3A (1W)
W2H (.75W)
2E (.5W)
2A (.25W)
)
0
0
140
100
60
20
2E (.66W)
2B (.5W)
2A (.33W)
1J (.2W)
1E (.166W)
2B (.33W)
Measuring Point
1E (.125W
1H (.1W)
PMS 300 neg.
Black neg.
E-24, E-96
(D±0.5%)
SR731H
(0201)
1
Ω - 10Ω
0.47
Ω - 10Ω
1.0V
2.5V
0.1W
0~ ±400
0.15
Ω - 10Ω
0.15
Ω - 10Ω
Parameter
Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C and +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated Voltage x 2.5 for 5 seconds
±2%
±0.5%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±3%*, ±1%**
±0.75%*, ±0.3%**
Rapid Change of Temperature
-40°C (30 minutes), +125°C (30 minutes), 100 cycles
±1%
±0.3%
Moisture Resistance
40°C ± 2°C, 90%-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±3%*, ±2%**
±1%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±3%*, ±2%**
±1%
High Temperature Exposure
1H: +125°C, 1000 hours; 1E, 1J, 2A, 2B, 2E, W2H, W3A:+155°C, 1000 hours
±1%
±0.3%
* 1H
** 1E~W3A
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 31


Similar Part No. - SR732BTTPL1R00

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR732BTTP1R00D KOA-SR732BTTP1R00D Datasheet
128Kb / 8P
   Low Resistance Flat Chip Resistors
SR732BTTP1R00F KOA-SR732BTTP1R00F Datasheet
128Kb / 8P
   Low Resistance Flat Chip Resistors
SR732BTTP1R00G KOA-SR732BTTP1R00G Datasheet
128Kb / 8P
   Low Resistance Flat Chip Resistors
SR732BTTP1R00J KOA-SR732BTTP1R00J Datasheet
128Kb / 8P
   Low Resistance Flat Chip Resistors
More results

Similar Description - SR732BTTPL1R00

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR732BTTD1R00F KOA-SR732BTTD1R00F Datasheet
253Kb / 2P
   lo-ohm 0.5%, 1%, 2%, 5% tolerance thick film current sense resistor
SR73 KOA-SR73 Datasheet
557Kb / 2P
   lo-ohm 0.5%, 1%, 2%, 5% tolerance thick film current sense resistor
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
logo
List of Unclassifed Man...
RK73H ETC1-RK73H Datasheet
524Kb / 2P
   PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
RK73H2BTTD1003F KOA-RK73H2BTTD1003F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1200F KOA-RK73H1ETTP1200F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com