Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN732BTTP1002 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RN732BTTP1002
Description  ultra precision 0.05%, 0.1%,1%tolerance thin film chip resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN732BTTP1002 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RN732BTTP1002 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN732BTTP1002 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TP: 0402, 0603, 0805:
7" 2mm pitch punch paper
TD: 0603, 0805, 1206, 1210:
7" 2mm pitch punched paper
TDD: 0603, 0805, 1206, 1210:
10" paper tape
TE: 0805, 1206, 1210:
7" punched plastic
TED: 0805, 1206, 1210:
10" punched plastic
For further information on packaging,
please refer to Appendix A
20
RN73
ultra precision 0.05%, 0.1%, 1% tolerance
thin film chip resistor
features
dimensions and construction
ordering information
Nickel chromium thin film resistor element
Anti-leaching nickel barrier terminations
Meets or exceeds EIA 576, MIL-R-55342F
Marking: Four-digit, distinctive color identifiers
(Only E-24 values are marked on 1J)
Products with lead-free terminations meet
EU RoHS requirements
Protective
Coating
L
c
W
t
d
Inner
Electrode
Solder
Plating
Ni
Plating
Resistive
Film
Ceramic
Substrate
c
A: ±0.05%
B: ±0.1%
C: ±0.25%
D: ±0.5%
F: ±1.0%
05
10
25
50
100
T: Sn
L: SnPb
3 significant
figures + 1
multiplier
“R” indicates
decimal on
value <100
1E
1J
2A
2B
2E
RN73
Type
Size
Nominal
Resistance
Tolerance
T.C.R.
(ppm/°C)
Termination
Material
Packaging
New Part #
2B
TE
1002
B
25
T
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/01/08
Type
L
.039 +.004
-.002
(1.0 +0.1 )
-0.05
.01 +.002
-.004
(0.25 +0.05)
-0.1
.012 +.008
-.004
(0.3 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.014±.002
(0.35±0.05)
.018±.004
(0.45±0.1)
.012±.004
(0.3±0.1)
.02±.004
(0.5±0.1)
.024±.004
(0.6±0.1)
.008±.004
(0.2±0.1)
.012±.004
(0.3±0.1)
.016±.008
(0.4±0.2)
.02±.012
(0.5±0.3)
.063±.008
(1.6±0.2)
.098±.008
(2.5±0.2)
.126±.008
(3.2±0.2)
.049±.008
(1.25±0.2)
.031±.004
(0.8±0.1)
.02±.002
(0.5±0.05)
.063±.008
(1.6±0.2)
.079±.008
(2.0±0.2)
RN73 1E
(0402)
RN73 1J
(0603)
RN73 2A
(0805)
RN73 2B
(1206)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)
RN73 2E
(1210)
Derating Curve
100
80
60
40
20
-60
-40
-20
0
406080100140
70
20
Ambient Temperature
(°C)
0
-55
120
125
EU
1733 Reader's Spreads pg1-203:document
1/27/09
4:03 PM
Page 18


Similar Part No. - RN732BTTP1002

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN732BTTE1002B25 KOA-RN732BTTE1002B25 Datasheet
233Kb / 2P
   ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
More results

Similar Description - RN732BTTP1002

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN731 KOA-RN731 Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
RN732BTTE1002B25 KOA-RN732BTTE1002B25 Datasheet
233Kb / 2P
   ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
RN73 KOA-RN73 Datasheet
234Kb / 2P
   ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
logo
List of Unclassifed Man...
RR1220P-331-D ETC2-RR1220P-331-D Datasheet
112Kb / 4P
   Precision 0.1% and 0.5%, tolerance Thin Film Chip Resistor
logo
KOA Speer Electronics, ...
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
logo
List of Unclassifed Man...
RK73H ETC1-RK73H Datasheet
524Kb / 2P
   PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com