Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL731ETTP2N7 Datasheet(PDF) 7 Page - KOA Speer Electronics, Inc.

Part # KL731ETTP2N7
Description  Thin Film Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL731ETTP2N7 Datasheet(HTML) 7 Page - KOA Speer Electronics, Inc.

  KL731ETTP2N7 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL731ETTP2N7 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL731ETTP2N7 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL731ETTP2N7 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL731ETTP2N7 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL731ETTP2N7 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL731ETTP2N7 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL731ETTP2N7 Datasheet HTML 8Page - KOA Speer Electronics, Inc. KL731ETTP2N7 Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 7 OF 9
TN-200 R7
Low temperature
operation
∆ L/L: Within ± 2%
∆ Q/Q: Within ± 20%
Without distinct damage in
appearance and construction
-40°C ± 3°C, 1,000 ± 4 hours
Heat resisting
property
∆ L/L: Within ± 2%
∆ Q/Q: Within ± 20%
Without distinct damage in
appearance and construction
125°C ± 2°C, 1,000 ± 4 hours
Temperature
cycling
∆ L/L: Within ± 2%
∆ Q/Q: Within ± 20%
Without distinct damage in
appearance and construction
-40 ± 3°C, 30 minutes/125 ± 2°C,
30 minutes 100 cycles
Humidity
∆ L/L: Within ± 2%
∆ Q/Q: Within ± 20%
Without distinct damage in
appearance and construction.
Insulation resistance:
more than 50M
40 ± 2°C, 90 ~ 95% RH
1,000 ± 4 hours
Resistance to
solvent
∆ L/L: Within ± 2%
∆ Q/Q: Within ± 20%
Without distinct damage in appear-
ance, construction and marking
Immerse 30 ± 5 seconds in the regent
(20 ~ 25°C) of JIS K 8839 (1995)
Shock
resistance
∆ L/L: Within ± 2%
∆ Q/Q: Within ± 20%
Without distinct damage in
appearance and construction
Inflict the impulse 3 times to both
directions (total 18 times) along
perpendicular axis that test condition
C of JIS C 5026 (1974) table-1 - 0603;
100G, 6 months - 0402, 0805 and 1206
Solderability
95% of the terminal should
be covered with new solder
230 ± 5°C, 3 ± 0.5 second
KOA SPEER ELECTRONICS, INC.
6-3 Characteristics Continued
Item
Requirement
Test Method
Vibration
∆ L/L: Within ± 2%
∆ Q/Q: Within ± 20%
Without distinct damage in
appearance and construction
Inflict 2 hours in each direction of X, Y,
Z at vibration of JIS C 5025 (1978) type
A - 0603; 10 ~ 55Hz, amplitude .059"
(1.5 mm) - 0402, 0805 and 1206
Resistance to
solder heat
∆ L/L: Within ± 2%
∆ Q/Q: Within ± 20%
Without distinct damage in
appearance and construction
260 ± 5°C, 10 ± 1 second


Similar Part No. - KL731ETTP2N7

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731ETTP2N7 KOA-KL731ETTP2N7 Datasheet
133Kb / 4P
   thin film inductor
KL731ETTP2N7 KOA-KL731ETTP2N7 Datasheet
112Kb / 7P
   Thin Film Chip Inductors
KL731ETTP2N7 KOA-KL731ETTP2N7 Datasheet
545Kb / 4P
   Excellent for high frequency applications
More results

Similar Description - KL731ETTP2N7

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com