Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHL1JCTTD18N Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # MHL1JCTTD18N
Description  Multilayer Ceramic Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MHL1JCTTD18N Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  MHL1JCTTD18N Datasheet HTML 1Page - KOA Speer Electronics, Inc. MHL1JCTTD18N Datasheet HTML 2Page - KOA Speer Electronics, Inc. MHL1JCTTD18N Datasheet HTML 3Page - KOA Speer Electronics, Inc. MHL1JCTTD18N Datasheet HTML 4Page - KOA Speer Electronics, Inc. MHL1JCTTD18N Datasheet HTML 5Page - KOA Speer Electronics, Inc. MHL1JCTTD18N Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS-222 R12
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spe ci fi c at io ns gi ven her ei n m ay be chan ged at an y ti m e w i th out pr i or not i ce. P le ase co nfi r m t ech ni cal spec i fi c ati on s befor e y ou or de r and/ or us e.
4. Standard Applications (continued)
PAGE 3 OF 6
Part
Designation
Inductance
L (nH)
Inductance
Tolerance
DC
Resistance
Maximum
()
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Typical
(MHz)
47
J: ±5%
8
15
13
39
900
700
600
500
400
0.70
0.75
300
0.80
0.85
0.90
1.0
1.2
1.3
1.5
37
36
16
17
56
68
82
100
120
150
180
220
Operating
Temperature
Range
MHL1JCTTD47N*
MHL1JCTTD56N*
MHL1JCTTD68N*
MHL1JCTTD82N*
MHL1JCTTDR10*
MHL1JCTTDR12*
MHL1JCTTDR15*
MHL1JCTTDR18*
MHL1JCTTDR22*
-55°C
to
+125°C
Minimum
(100MHz)
Typical
(800MHz)
Typical
(100MHz)
Q
39
MHL1JTTTD39N*
*Add tolerance character (S, J)
46
39
12
MHL1JCTTD39N*
0.65
1100
15
29
500
400
SS-222 R12
12/6/06
10:36 AM
Page 3


Similar Part No. - MHL1JCTTD18N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MHL1JCTTD18N KOA-MHL1JCTTD18N Datasheet
120Kb / 3P
   multilayer ceramic inductor
More results

Similar Description - MHL1JCTTD18N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
logo
Token Electronics Indus...
TRMF100505 TOKEN-TRMF100505 Datasheet
725Kb / 13P
   TRMF Multilayer Ceramic Inductors
logo
Abracon Corporation
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
logo
Sumida Corporation
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B0603-10N SUMIDA-SCI-B0603-10N Datasheet
358Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0201 ABRACON-AIMC-0201 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.02.11
logo
Sumida Corporation
SCI-B2012-10N SUMIDA-SCI-B2012-10N Datasheet
357Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com