Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV73A2AXTE27 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # NV73A2AXTE27
Description  Surface Mount Metal Oxide Varistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NV73A2AXTE27 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  NV73A2AXTE27 Datasheet HTML 1Page - KOA Speer Electronics, Inc. NV73A2AXTE27 Datasheet HTML 2Page - KOA Speer Electronics, Inc. NV73A2AXTE27 Datasheet HTML 3Page - KOA Speer Electronics, Inc. NV73A2AXTE27 Datasheet HTML 4Page - KOA Speer Electronics, Inc. NV73A2AXTE27 Datasheet HTML 5Page - KOA Speer Electronics, Inc. NV73A2AXTE27 Datasheet HTML 6Page - KOA Speer Electronics, Inc. NV73A2AXTE27 Datasheet HTML 7Page - KOA Speer Electronics, Inc. NV73A2AXTE27 Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SS-237 R3
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 8
KOA SPEER ELECTRONICS, INC.
5. Standard Applications
Part
Designation
Reference
Varistor Voltage
@ 1mA
nom. (Range)
Vc
Maximum
Peak Current
IP (A) @ 8/20
microsecond
(2 pulses)
Maximum
Energy
E
(J)
Capacitance
Typ.
C (1k to 1MHz)
(pF)
Maximum
Allowable
Voltage
a.c rms
(V)
Maximum
Allowable
Voltage
d.c (V)
Varistor
Voltage
(V)
Energy
(J)
Peak
Current
(8/20µs) A
(2 pulses)
Operating
Temp.
Topt (°C)
Storage
Temp.
Tstg (°C)
NV73A1J*TE8R2
NV73A1J*TE12
NV73A1J*TE15
NV73A1J*TE18
NV73A1J*TE20
NV73A1J*TE22
NV73A1J*TE24
NV73A1J*TE27
8.2 (6.8 - 9.8)
12 (10 - 14.4)
15 (12.5 - 18)
18 (16 - 20)
20 (18 - 22)
22 (19 - 24)
24 (21.8 - 26.5)
27 (25 - 32)
21
29
35
37
40
42
46
49
NV73A2A*TE8R2
8.2 (6.8 - 9.8)
16
NV73A2A*TE12
12 (10 - 14.4)
22
NV73A2A*TE15
15 (12.5 - 18)
27
NV73A2A*TE18
18 (16 - 20)
29
NV73A2A*TE20
20 (18 - 22)
33
NV73A2A*TE22
22 (19 - 24)
39
NV73A2A*TE24
24 (21.8 - 26.5)
42
2A
1A
30
0.1
10
20
0.01
0.03
0.04
0.05
0.06
8.2 - 27
0.1
30
4.2 - 47
10/20/25
370
290
270
230
180
160
140
100
400
-
80
0.01
-
0.16
-40°C
to
+85°C
-40°C
to
+125°C
4.2
6.1
7.6
9.1
10.6
12.0
14.0
17.0
6.0
8.6
10.8
12.8
15.0
16.5
18.0
22.0
4.2
6.0
6.1
8.6
7.6
10.8
9.1
12.8
10.6
15.0
12.0
16.5
14.0
18.0
Clamping
Voltage
VP
IP
NV73A2A*TE27
NV73A2A*TE33
NV73A2A*TE39
NV73A2A*TE47
NV73B2A*TE8R2
NV73B2A*TE12
NV73B2A*TE15
27 (25 - 32)
33 (30 - 39)
39 (37 - 47)
47 (45 - 54)
8.2 (6.8 - 9.8)
12 (10 - 14.4)
15 (12.5 - 18)
50
60
72
86
18
22
30
NV73B2A*TE18
18 (16 - 20)
32
NV73B2A*TE20
20 (18 - 22)
36
NV73B2A*TE22
22 (19 - 24)
40
NV73B2A*TE24
24 (21.8 - 26.5)
42
NV73B2A*TE27
27 (25 - 32)
58
NV73B2A*TE33
33 (30 - 39)
66
NV73C2A*TE8R2
8.2 (6.8 - 9.8)
16
NV73C2A*TE12
12 (10 - 14.4)
22
NV73C2A*TE15
15 (12.5 - 18)
28
NV73C2A*TE18
18 (16 - 20)
32
NV73C2A*TE20
20 (18 - 22)
35
NV73C2A*TE22
22 (19 - 24)
40
NV73C2A*TE24
24 (21.8 - 26.5)
42
2A
2A
1A
25
0.07
0.12
0.14
0.16
0.03
20
25
50
35
50
20
0.05
0.07
0.08
0.09
0.11
0.12
0.24
0.25
0.04
0.09
0.11
0.13
0.14
0.17
0.18
4.2 - 47
10/20/25
400
-
80
1000
-
200
1000
-
300
0.01
-
0.16
4.2 - 33
20/35/50
0.02
-
0.25
4.2 - 24
25/50
0.02
-
0.18
17.0
20.0
25.0
30.0
4.2
6.1
7.6
22.0
26.0
31.0
38.0
6.0
8.6
10.8
9.1
12.8
10.6
15.0
12.0
16.5
14.0
18.0
17.0
22.0
20.0
26.0
4.2
6.0
6.1
8.6
7.6
10.8
9.1
12.8
10.6
15.0
12.0
16.5
14.0
18.0
* Add termination material character (T)
Maximum allowable voltage - the maximum sinusoidal RMS voltage or maximum DC voltage which can be applied continuously
E:
Maximum energy - the maximum energy within the varistor voltage change of ±10% when a single impulse of 2m sec. is applied
IP:
Maximum peak current - the maximum peak current within the varistor voltage change of ±10% when a single standard impulse
of 8/20µ sec. is applied two times with an interval of 5 min.
Topt:
Operating temperature - Ambient temperature range when the device is operating
Tstg:
Storage temperature - Temperature range without causing the device any failure


Similar Part No. - NV73A2AXTE27

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73A2ATTE12 KOA-NV73A2ATTE12 Datasheet
503Kb / 4P
   metal oxide varistor
NV73A2ATTE15 KOA-NV73A2ATTE15 Datasheet
503Kb / 4P
   metal oxide varistor
NV73A2ATTE18 KOA-NV73A2ATTE18 Datasheet
503Kb / 4P
   metal oxide varistor
NV73A2ATTE20 KOA-NV73A2ATTE20 Datasheet
503Kb / 4P
   metal oxide varistor
NV73A2ATTE22 KOA-NV73A2ATTE22 Datasheet
503Kb / 4P
   metal oxide varistor
More results

Similar Description - NV73A2AXTE27

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV08CH180 DBLECTRO-JV08CH180 Datasheet
134Kb / 5P
   Surface Mount Metal Oxide Varistors
logo
MERITEK ELECTRONICS COR...
MVS MERITEK-MVS Datasheet
334Kb / 11P
   Metal Oxide Varistors Surface Mount
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com