Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVD20UCMJT Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # NVD20UCMJT
Description  Metal Oxide Varistor Disk Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVD20UCMJT Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  NVD20UCMJT Datasheet HTML 1Page - KOA Speer Electronics, Inc. NVD20UCMJT Datasheet HTML 2Page - KOA Speer Electronics, Inc. NVD20UCMJT Datasheet HTML 3Page - KOA Speer Electronics, Inc. NVD20UCMJT Datasheet HTML 4Page - KOA Speer Electronics, Inc. NVD20UCMJT Datasheet HTML 5Page - KOA Speer Electronics, Inc. NVD20UCMJT Datasheet HTML 6Page - KOA Speer Electronics, Inc. NVD20UCMJT Datasheet HTML 7Page - KOA Speer Electronics, Inc. NVD20UCMJT Datasheet HTML 8Page - KOA Speer Electronics, Inc. NVD20UCMJT Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Add disk diameter
* Manufacturing range of NVD10UBCis varistor voltages 22 - 270
** NVD14C100 is applied
PAGE 5 OF 12
SS-245 R4
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
5. Applications and Ratings
Type
a.c. r.m.s.
(v)
Maximum Allowable
Voltage
d.c.
(v)
V1A
Maximum
(2ms) Energy
V5A
lp (A)
Max. Peak Current
(2 pulses)
E (J)
Clamping
Voltage
NVD
SC018
16 - 22
11
14
0.3
50
40
––
––
––
––
––
NVD
UC022
20 - 27
14
18
0.5
48
––
1.1
43
––
NVD
UC027
25 - 32
17
22
0.7
60
––
1.3
53
––
NVD
UC033
30 - 39
20
26
0.8
73
––
1.6
65
––
NVD
UC039
37 - 47
25
31
0.9
150
86
––
1.9
250
73
––
NVD
UC047
45 - 54
30
38
1.1
104
––
2.3
93
––
NVD
UC056
52 - 62
35
45
1.3
123
––
2.7
110
––
NVD
UC068
60 - 76
40
56
1.6
150
––
3.3
135
––
NVD
SC082
74 - 90
50
65
1.7
200
––
145
3.5
600
––
135
NVD
UC100
90 - 110
60
85
3.0
––
175
6.0
––
165
NVD
UC120
108 - 132
75
100
3.5
––
210
7.0
––
200
NVD
UC150
135 - 165
95
125
4.5
––
260
9.0
––
250
NVD
UC200
185 - 225
130
170
6.0
––
355
12.5
––
340
NVD
UC220
198 - 242
140
180
6.5
––
380
13.5
––
360
NVD
UC240
216 - 264
150
200
7.5
600
––
415
15.0
1250
––
395
NVD
UC270
247 - 303
175
225
8.0
––
475
17.0
––
455
NVD
UC330
297 - 363
210
270
9.5
––
570
20.0
––
545
NVD
UC360
342 - 396
230
300
11.0
––
620
23.0
––
595
NVD
UC390
367 - 429
250
320
12.0
––
675
25.0
––
650
NVD
UC430
407 - 473
275
350
13.5
––
745
27.5
––
710
NVD
UC470
437 - 517
300
385
15.0
––
810
30.0
––
775
Varistor
Voltage
Vc Ic =
0.1mA (V)
NVD05UC
V2.5A
Maximum
(2ms) Energy
V10A
lp (A)
Max. Peak Current
(2 pulses)
E (J)
Clamping
Voltage
NVD07UC
Type
a.c. r.m.s.
(v)
Maximum Allowable
Voltage
d.c.
(v)
V5A
Max. (2ms)
Energy
V25A
lp (A)
Max. Peak
Current
(2 pulses)
E (J)
Clamping
Voltage
NVD
SC018
16 - 22
11
14
––
––
––
––
––
––
––
––
––
––
––
NVD
UC022
20 - 27
14
18
2.6
43
––
5.3
43
––
––
––
––
NVD
UC027
25 - 32
17
22
3.2
53
––
6.5
53
––
––
––
––
NVD
UC033
30 - 39
20
26
4.0
65
––
7.9
65
––
––
––
––
NVD
UC039
37 - 47
25
31
4.4
500
77
––
9.4
1000
73
––
––
––
––
NVD
UC047
45 - 54
30
38
5.7
93
––
11.0
93
––
––
––
––
NVD
UC056
52 - 62
35
45
6.7
110
––
13.0
110
––
––
––
––
NVD
UC068
60 - 76
40
56
8.2
135
––
16.0
135
––
––
––
––
NVD
SC082
74 - 90
50
65
8.0
1250
––
135
14.0
2500
––
135
––
––
––
NVD
UC100
90 - 110
60
85
12.0
––
165
18.0
––
165
––
––
––
NVD
UC120
108 - 132
75
100
14.5
––
200
30.0
––
200
––
––
––
NVD
UC150
135 - 165
95
125
18.0
––
250
37.5
––
250
––
––
––
NVD
UC200
185 - 225
130
170
25.0
––
340
50.0
5000
––
340
100
340
NVD
UC220
198 - 242
140
180
27.5
––
360
55.0
––
360
110
7000
360
NVD
UC240
216 - 264
150
200
30.0
2500
––
395
60.0
––
395
120
395
NVD
UC270
247 - 303
175
225
35.0
––
455
70.0
––
455
135
455
Varistor
Voltage
Vc Ic =
0.1mA (V)
NVD10UC - NVD10UBC*
Max. (2ms)
Energy
lp (A)
E (J)
NVD14UC**
V10A V50A
Clamping
Voltage
Max. Peak
Current
(2 pulses)
Max. (2ms)
Energy
lp (A)
E (J)
NVD20UC
V100A
Clamping
Voltage
Max. Peak
Current
(2 pulses)
Add disk diameter


Similar Part No. - NVD20UCMJT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD20UCD10UBA KOA-NVD20UCD10UBA Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD20UCD10UBBK KOA-NVD20UCD10UBBK Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD20UCD10UCA KOA-NVD20UCD10UCA Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD20UCD10UCBK KOA-NVD20UCD10UCBK Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD20UCD200 KOA-NVD20UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
More results

Similar Description - NVD20UCMJT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com