Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHL1JCTTD68N Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # MHL1JCTTD68N
Description  Multilayer Ceramic Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MHL1JCTTD68N Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

  MHL1JCTTD68N Datasheet HTML 1Page - KOA Speer Electronics, Inc. MHL1JCTTD68N Datasheet HTML 2Page - KOA Speer Electronics, Inc. MHL1JCTTD68N Datasheet HTML 3Page - KOA Speer Electronics, Inc. MHL1JCTTD68N Datasheet HTML 4Page - KOA Speer Electronics, Inc. MHL1JCTTD68N Datasheet HTML 5Page - KOA Speer Electronics, Inc. MHL1JCTTD68N Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec i fi c ati on s gi ven her ei n m ay be c hang ed at an y ti m e w i tho ut pr i or not i ce. Pl ea se co nfi r m t echn ic al spec i fi c ati ons b efor e yo u or de r and/ or us e.
PAGE 6 OF 6
SS-222 R12
7. Dimensions - inches (mm)
.045±.004
(1.15±0.1)
.073±.004
(1.85±0.1)
.043±.004
(1.1±0.1)
.069±.004
(1.75±0.10)
.138±.002
(3.5±.005)
.079±.002
(2.0±0.05)
.059±.004
(1.5+0.1/-0.0)
.039 min.
(1.0 min.)
.009±.001
(0.23±0.02)
1J
1E
1J
Tape
Tape
Ao
E
F
W
P
1
Po
P
2
D
1
t
Do
Bo
Ko
Do
E
W
F
Po
P2
D1
P1
Bo
Ko
t
Ao
.026±.004
(0.67±0.1)
.046±.004
(1.17±0.1)
.025±.004
(0.63±0.1)
1E
.315±.008
(8.0±0.2)
.079±.004
(2.0±0.1)
.079±.009
(2.0±0.23)
10. Recommended Temperature Profiles for Soldering
9. Recommended PC Board Land Patterns - inches (mm)
1J (0603)
.102 (2.6)
.023 (0.6)
.031 (0.8)
Chip Size
L
G
H
G
L
H
250°C
150°C
60 Seconds Max.
Preheat 100
Seconds Max.
Soldering
10 Seconds Max.
Natural
Cooling
Recommended Temperature Profile
for Wave Soldering
230°C
150°C
60 Seconds Max.
Preheat 100
Seconds Max.
Soldering
10 Seconds Max.
Natural
Cooling
Recommended Temperature Profile
for Reflow Soldering
20 Seconds Max.
200°C
1E (0402)
.05 (1.3)
.015 (0.4)
.019 (0.5)
8. Chip Quantities Per Reel
Parts on 7 inch
(178mm) Reel
Chip Size
0603 (1608)
4,000
0402 (1005)
10,000
Parts on 13 inch
(330mm) Reel
4,000
––––––
SS-222 R12
12/6/06
10:36 AM
Page 6


Similar Part No. - MHL1JCTTD68N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MHL1JCTTD68N KOA-MHL1JCTTD68N Datasheet
120Kb / 3P
   multilayer ceramic inductor
More results

Similar Description - MHL1JCTTD68N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
logo
Token Electronics Indus...
TRMF100505 TOKEN-TRMF100505 Datasheet
725Kb / 13P
   TRMF Multilayer Ceramic Inductors
logo
Abracon Corporation
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
logo
Sumida Corporation
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B0603-10N SUMIDA-SCI-B0603-10N Datasheet
358Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0201 ABRACON-AIMC-0201 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.02.11
logo
Sumida Corporation
SCI-B2012-10N SUMIDA-SCI-B2012-10N Datasheet
357Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com