Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN732ALTD1002 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RN732ALTD1002
Description  ultra precision 0.05%, 0.1%,1%tolerance thin film chip resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN732ALTD1002 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RN732ALTD1002 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN732ALTD1002 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RN73
ultra precision 0.05%, 0.1%, 1% tolerance
thin film chip resistor
Absolute
Maximum
Working
Voltage
Resistance Range
E-24, E-96
(B±0.1%)
(A±0.05%)
(C±0.25%)
(D±0.5%)
RN731E
RN731J
RN732A
RN732B
RN732E
±50
±25
±10
±50
±25
±10
±50
±25
±10
±25
±50
(F±1.0%)
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temp.
Range
Power
Rating
@ 70°C
T.C.R.
(ppm/°C)
Max.
applications and ratings
1/16W
(.063W)
1/16W
(.063W)
1/10W
(.10W)
1/8W
(.125W)
1/4W
(.25W)
25V
50V
50V
100V
100V
200V
150V
300V
200V
400V
1K
Ω - 47KΩ
1K
Ω - 47KΩ
1K
Ω - 47KΩ
100
Ω - 100KΩ
100
Ω - 100KΩ
15
Ω - 1MΩ 15Ω - 1MΩ
15
Ω - 1MΩ 15Ω - 1MΩ 10Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ 10Ω - 1MΩ
10
Ω - 1MΩ
100
Ω - 300KΩ
100
Ω - 300KΩ
100
Ω - 300KΩ
100
Ω - 300KΩ
15
Ω - 1MΩ
15
Ω - 1MΩ
15
Ω - 1MΩ
15
Ω - 1MΩ 10Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
15
Ω - 1MΩ
15
Ω - 1MΩ
15
Ω - 1MΩ
15
Ω - 1MΩ
100
Ω - 300kΩ
100
Ω - 300kΩ
51
Ω - 300kΩ
±50
±25
±10
100
Ω - 510KΩ
100
Ω - 100kΩ 100Ω - 100kΩ
100
Ω - 100kΩ 100Ω - 100kΩ
100
Ω - 47KΩ
100
Ω - 47KΩ
100
Ω - 47KΩ
100
Ω - 47KΩ
10
Ω - 100kΩ
10
Ω - 100KΩ
10
Ω - 100kΩ
10
Ω - 100KΩ
-55°C
to
+125°C
21
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/22/08
15
Ω - 360kΩ
15
Ω - 360kΩ
15
Ω - 360kΩ
15
Ω - 360kΩ
10
Ω - 360kΩ
100
Ω - 100kΩ
100
Ω - 100kΩ
100
Ω - 100kΩ
100
Ω - 100kΩ
100
Ω - 510KΩ 100Ω - 510KΩ
100
Ω - 510KΩ
100
Ω - 510KΩ
E-192 Resistance Range available, contact factory for details
PMS 300 neg.
Black neg.
10
Ω - 360kΩ
±100
10
Ω - 360kΩ
10
Ω - 360kΩ
10
Ω - 360kΩ
10
Ω - 360kΩ
±100
——
±100
——
±100
——
±5
100
Ω - 47kΩ
——
±5
——
100
Ω - 100kΩ
±5
——
100
Ω - 300kΩ
51
Ω - 510kΩ
51
Ω - 100kΩ
For Surface Temperature Rise Graph see Terms & Definitions. Additional environmental applications can also be found at www.koaspeer.com
Performance Characteristics
Parameter
Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/+125°C: T.C.R. = ±5 (X10-6/K)
+25°C/-55°C and +25°C/+125°C: another
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated Voltage x 2.5 or Max. overload volume, whichever is less for 5 seconds
±0.1%
±0.01%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±0.1%
±0.04%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 5 cycles
±0.25%
±0.03%
Moisture Resistance
RN73: 40°C ± 2°C, 90%-95% RH, 1000 hours
±0.5%
±0.06%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±0.25%
±0.02%
High Temperature Exposure
+125°C, 100 hours
±0.01%
environmental applications
1733 Reader's Spreads pg1-203:document
1/27/09
4:03 PM
Page 19


Similar Part No. - RN732ALTD1002

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN732A KOA-RN732A Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
More results

Similar Description - RN732ALTD1002

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN731 KOA-RN731 Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
RN732BTTE1002B25 KOA-RN732BTTE1002B25 Datasheet
233Kb / 2P
   ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
RN73 KOA-RN73 Datasheet
234Kb / 2P
   ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
logo
List of Unclassifed Man...
RR1220P-331-D ETC2-RR1220P-331-D Datasheet
112Kb / 4P
   Precision 0.1% and 0.5%, tolerance Thin Film Chip Resistor
logo
KOA Speer Electronics, ...
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
logo
List of Unclassifed Man...
RK73H ETC1-RK73H Datasheet
524Kb / 2P
   PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com