Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV73B2BXTE8R2 Datasheet(PDF) 8 Page - KOA Speer Electronics, Inc.

Part # NV73B2BXTE8R2
Description  Surface Mount Metal Oxide Varistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NV73B2BXTE8R2 Datasheet(HTML) 8 Page - KOA Speer Electronics, Inc.

  NV73B2BXTE8R2 Datasheet HTML 1Page - KOA Speer Electronics, Inc. NV73B2BXTE8R2 Datasheet HTML 2Page - KOA Speer Electronics, Inc. NV73B2BXTE8R2 Datasheet HTML 3Page - KOA Speer Electronics, Inc. NV73B2BXTE8R2 Datasheet HTML 4Page - KOA Speer Electronics, Inc. NV73B2BXTE8R2 Datasheet HTML 5Page - KOA Speer Electronics, Inc. NV73B2BXTE8R2 Datasheet HTML 6Page - KOA Speer Electronics, Inc. NV73B2BXTE8R2 Datasheet HTML 7Page - KOA Speer Electronics, Inc. NV73B2BXTE8R2 Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
øA
C
W
øB
(2) Reel dimensions
A
B
C
W (min)
W (max)
Series
7.09 ± .
.
2.36 ± .
.
0.512 ± 0.008
0.354 ± 0.012
0.449 ± 0.039
(ø180 ±
)
(ø60 ±
)
(13.0 ± 0.2)
(9.0 ± 0.3)
(11.4 ± 1.0)
Dimensions in inches (mm)
+0
-3
+0.1
0
+0
-0.118
+0.004
0
SS-237 R3
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
PAGE 8 OF 8
0.047±0.004
(1.2±0.1)
0.063±0.004
(1.6±0.1)
0.079±0.004
(2.0±0.1)
0.063 Max.
(1.6 Max.)
0.157±0.004
(4.0±0.1)
0.059±0.004
(1.5+0.1/-0.0)
0.157±0.004
(4.0±0.1)
0.069±0.004
(1.75±0.10)
0.079±0.002
(2.0±0.05)
0.138±0.002
(3.5±0.05)
NV73-1J
NV73-2A
NV73-2B
Tape
A
B
Ko
F
J
H
G
D
E
A
E
W
D
H
G
D1
F
B
K
t
J
C
ø
ø
K1
K0
0.051 Max.
(1.3 Max.)
(1) Dimensions of Carrier Tape
8. Packaging
Dimensions in inches (mm)
0.209±0.004
(5.3±0.1)
0.315±0.008
(8.0±0.2)
0.008+0.004
/-0.002
(0.2+0.1/-.05)
0.067 Max.
(1.7 Max.)
30° Max.
0.069 Max.
(1.75 Max.)
NV73-1J
NV73-2A
NV73-2B
Tape
W
C
t
K1
ø
K
0.075±0.004
(1.9±0.1)
0.094±0.004
(2.4±0.1)
0.142±0.004
(3.6±0.1)


Similar Part No. - NV73B2BXTE8R2

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73B2ATTE12 KOA-NV73B2ATTE12 Datasheet
503Kb / 4P
   metal oxide varistor
NV73B2ATTE15 KOA-NV73B2ATTE15 Datasheet
503Kb / 4P
   metal oxide varistor
NV73B2ATTE18 KOA-NV73B2ATTE18 Datasheet
503Kb / 4P
   metal oxide varistor
NV73B2ATTE20 KOA-NV73B2ATTE20 Datasheet
503Kb / 4P
   metal oxide varistor
NV73B2ATTE22 KOA-NV73B2ATTE22 Datasheet
503Kb / 4P
   metal oxide varistor
More results

Similar Description - NV73B2BXTE8R2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV08CH180 DBLECTRO-JV08CH180 Datasheet
134Kb / 5P
   Surface Mount Metal Oxide Varistors
logo
MERITEK ELECTRONICS COR...
MVS MERITEK-MVS Datasheet
334Kb / 11P
   Metal Oxide Varistors Surface Mount
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com