Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL732ATTE47N Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # KL732ATTE47N
Description  Thin Film Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL732ATTE47N Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  KL732ATTE47N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL732ATTE47N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL732ATTE47N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL732ATTE47N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL732ATTE47N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL732ATTE47N Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL732ATTE47N Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL732ATTE47N Datasheet HTML 8Page - KOA Speer Electronics, Inc. KL732ATTE47N Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PAGE 4 OF 9
TN-200 R7
4. Application and Ratings Continued
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
Part
Designation
Inductance
(nH)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
Measured
Frequency
(MHz)
Inductance
Tolerance
35
40
25
15
4000
3500
3000
2500
2000
1500
1000
500
400
0.50
1.00
2.00
900
800
500
400
200
200
5.6
KL732BTTE5N6*
6.8
KL732BTTE6N8*
8.2
KL732BTTE8N2*
10
KL732BTTE10N*
12
KL732BTTE12N*
15
KL732BTTE15N*
18
KL732BTTE18N*
22
KL732BTTE22N*
27
KL732BTTE27N*
33
KL732BTTE33N*
39
KL732BTTE39N*
47
KL732BTTE47N*
56
KL732BTTE56N*
68
KL732BTTE68N*
82
KL732BTTE82N*
100
KL732BTTE100*
G: ±2%
J: ±5%
* Add tolerance character (B, C, G, J)
4000
2500
2000
20
15
10
1500
3000
1000
800
700
600
1.00
1.50
4.00
5.00
400
300
250
200
150
200
500
6.8
KL732ATTE6N8*
8.2
KL732ATTE8N2*
10
KL732ATTE10N*
12
KL732ATTE12N*
15
KL732ATTE15N*
18
KL732ATTE18N*
22
KL732ATTE22N*
27
KL732ATTE27N*
33
KL732ATTE33N*
39
KL732ATTE39N*
47
KL732ATTE47N*
56
KL732ATTE56N*
68
KL732ATTE68N*
82
KL732ATTE82N*
G: ±2%
J: ±5%
C: ±0.2nH
25
9000
7000
6000
5000
4500
0.25
1000
900
500
2.2
KL732BTTE2N2*
2.7
KL732BTTE2N7*
3.3
KL732BTTE3N3*
3.9
KL732BTTE3N9*
4.7
KL732BTTE4N7*
1.0
KL732ATTE1N0*
1.2
C: ±0.2nH
20
25
13000
10000
9000
8000
6000
5000
4500
0.25
500
700
800
900
KL732ATTE1N2*
1.5
1.8
KL732ATTE1N5*
KL732ATTE1N8*
2.2
KL732ATTE2N2*
2.7
KL732ATTE2N7*
3.3
KL732ATTE3N3*
3.9
KL732ATTE3N9*
4.7
KL732ATTE4N7*
5.6
KL732ATTE5N6*
0.50


Similar Part No. - KL732ATTE47N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732ATTE47N KOA-KL732ATTE47N Datasheet
133Kb / 4P
   thin film inductor
KL732ATTE47N KOA-KL732ATTE47N Datasheet
114Kb / 7P
   Thin Film Chip Inductors
KL732ATTE47N KOA-KL732ATTE47N Datasheet
545Kb / 4P
   Excellent for high frequency applications
KL732ATTE47NB KOA-KL732ATTE47NB Datasheet
243Kb / 4P
   thin film inductor
KL732ATTE47NC KOA-KL732ATTE47NC Datasheet
243Kb / 4P
   thin film inductor
More results

Similar Description - KL732ATTE47N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com