Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT732ATTD103L3200J Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # NT732ATTD103L3200J
Description  Negative Tempco Thermistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NT732ATTD103L3200J Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  NT732ATTD103L3200J Datasheet HTML 1Page - KOA Speer Electronics, Inc. NT732ATTD103L3200J Datasheet HTML 2Page - KOA Speer Electronics, Inc. NT732ATTD103L3200J Datasheet HTML 3Page - KOA Speer Electronics, Inc. NT732ATTD103L3200J Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS-254 R5
PAGE 3 OF 4
KOA SPEER ELECTRONICS, INC.
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Note: RT/R25 ratio is the resistance at temperature (T) divided by the nominal resistance at 25°C. The RT/R25 ratio value is multiplied
by the thermistor’s nominal 25°C value to determine the nominal resistance value at a given temperature in the chart above.
6. Performance Characteristics
Parameter
Maximum
∆ R
Test Method
High Temperature Exposure
±3.0%
1000 hours @ 80°C
Resistance to Solder Heat
±1.0%
MIL-R-55342
π 4.7.7, 260°C for 10 seconds
Terminal Strength-Bend
±1.0%
2mm min. deflection in either direction for 10 seconds
Moisture Resistance
±3.0%
MIL-STD-202, Method 103, 40°C, 90 - 95% RH, 1000 hours
Life
±3.0%
80°C, DC 5mm, 1000 hours
Temperature Cycling
±3.0%
30 minutes @ -55°C, 15 minutes @ +25°C,
30 minutes @ +125°C, 15 minutes @ +25°C, 50 cycles
Dielectric Withstanding Voltage
2A
400V
1 minute minimum
2B
400V
MIL-STD-202, Method 301
Insulation Resistance
10,000 M
Minimum
ø13
ø21
2
Central hole
1.75
±0.1
T1
(TP)
P1
B
1.5
+0.1
-0
P1
2.0
4.0
±0.1
Direction of feed
T1
T1
Type
Component Size (mm)
LW
T
Quantity/
Reel
(Pieces)
Taping (mm)
Reel Size
A
B
W
P1
T1
Carrier
Tape
7. Packaging Information
NT73
1J
14.6
0.8
0.45
TD
5000
1.9±0.1
1.1±0.1
8.0±0.2
4.0±0.1
0.6+0.2/-0
178
2A
2
1.25
0.5
TD
5000
2.4±0.2
1.65±0.2 8.0±0.2
4.0±0.1
0.75+0.2/-0
178
2B
3.2
1.6
0.6
TD
5000
3.5±0.2
2±0.2
8.0±0.2
4.0±0.1
0.75+0.2/-0
178


Similar Part No. - NT732ATTD103L3200J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NT732ATTD103L3200J KOA-NT732ATTD103L3200J Datasheet
90Kb / 2P
   negative tempco thermistor
More results

Similar Description - NT732ATTD103L3200J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NT732ATTD103K3800J KOA-NT732ATTD103K3800J Datasheet
230Kb / 2P
   negative tempco thermistor
NT731J KOA-NT731J Datasheet
90Kb / 2P
   negative tempco thermistor
PT722AT KOA-PT722AT Datasheet
74Kb / 4P
   Positive Tempco Thermistor
PT722A KOA-PT722A Datasheet
89Kb / 2P
   positive tempco thermistor
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
LA731JTTD101J3300 KOA-LA731JTTD101J3300 Datasheet
358Kb / 2P
   thick film linear positive tempco thermistor
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
LA731J KOA-LA731J Datasheet
91Kb / 2P
   thick film linear positive tempco thermistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com