Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS1206TTEB101 Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # SDS1206TTEB101
Description  power choke coils
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDS1206TTEB101 Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  SDS1206TTEB101 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDS1206TTEB101 Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDS1206TTEB101 Datasheet HTML 3Page - KOA Speer Electronics, Inc. SDS1206TTEB101 Datasheet HTML 4Page - KOA Speer Electronics, Inc. SDS1206TTEB101 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SDS
power choke coils
238
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/23/08
SDS1005TTEB150
15
0.085
1.70
SDS1005TTEB180
18
0.09
1.60
SDS1005TTEB220
22
0.10
1.40
SDS1005TTEB270
27
0.12
1.30
SDS1005TTEB330
33
0.16
1.20
SDS1005TTEB390
39
0.18
1.05
SDS1005TTEB470
47
0.19
1.00
SDS1005TTEB560
56
0.21
0.90
SDS1005TTEB680
68
0.34
0.82
SDS1005TTEB820
82
0.38
0.75
SDS1005TTEB101
100
0.42
0.68
SDS1005TTEB121
120
0.46
0.60
SDS1005TTEB151
150
0.52
0.55
SDS1005TTEB181
180
0.70
0.50
SDS1005TTEB221
220
0.80
0.45
SDS1005TTEB271
270
1.10
0.40
SDS1005TTEB331
330
1.20
0.35
SDS1005TTEB391
390
1.40
0.33
SDS1205TTEB2R5M
2.5
24
5.0
SDS1205TTEB5R0M
5.0
35
4.0
SDS1205TTEB100
10
54
3.0
SDS1205TTEB250
25
120
2.0
SDS1205TTEB500
50
200
1.5
SDS1205TTEB750
75
330
1.2
SDS1205TTEB101
100
400
1.0
SDS1206TTEB2R5M
2.5
16
6.20
SDS1206TTEB5R0M
5.0
22
4.70
SDS1206TTEB7R5M
7.5
25
3.80
SDS1206TTEB100
10
35
3.30
SDS1206TTEB120
12
38
3.00
SDS1206TTEB150
15
42
2.80
SDS1206TTEB180
18
50
2.50
SDS1206TTEB220
22
62
2.30
SDS1206TTEB270
27
68
2.00
SDS1206TTEB330
33
90
1.90
SDS1206TTEB390
39
100
1.75
SDS1206TTEB470
47
130
1.60
SDS1206TTEB560
56
155
1.45
SDS1206TTEB680
68
170
1.30
SDS1206TTEB820
82
185
1.20
SDS1206TTEB101
100
220
1.10
SDS1206TTEB121
120
260
1.00
SDS1206TTEB151
150
320
0.90
SDS1206TTEB181
180
380
0.80
SDS1206TTEB221
220
460
0.70
SDS1206TTEB271
270
520
0.65
SDS1206TTEB331
330
660
0.60
SDS1206TTEB391
390
870
0.55
SDS1206TTEB471
470
970
0.50
SDS1206TTEB561
560
1320
0.45
applications and ratings (continued)
M: ±20%
K: ±10%
Y: ±15%
-20°C to +80°C
M: ±20%
K: ±10%
Y: ±15%
M: ±20%
K: ±10%
Y: ±15%
-20°C to +80°C
-20°C to +80°C
Part
Designation
Nominal
Inductance
L (µH) @ 1KHz
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(Amps)
Operating
Temperature
Range
Inductance
Tolerance
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 43


Similar Part No. - SDS1206TTEB101

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDS1206 KOA-SDS1206 Datasheet
325Kb / 5P
   power choke coil
More results

Similar Description - SDS1206TTEB101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCMB042T ETC2-PCMB042T Datasheet
627Kb / 1P
   Power choke coils
PCMC135T ETC2-PCMC135T Datasheet
1Mb / 1P
   Power choke coils
PCMB063T ETC2-PCMB063T Datasheet
627Kb / 1P
   Power choke coils
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com