Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2861IMK-3-T1 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT2861IMK-3-T1
Description  Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2861IMK-3-T1 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT2861IMK-3-T1 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT2861IMK-3-T1 Datasheet HTML 14Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
AAT2861
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
ChargePump
TM
PRODUCT DATASHEET
10
2861.2009.02.1.2
www .analogictech.com
AAT2861
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
ChargePump
TM
PRODUCT DATASHEET
10
2861.2009.02.1.2
www .analogictech.com
Functional Block Diagrams
AAT2861IMK-1-T1
BL5
C1-
C1+
C2-
C2+
IN
LDOA
OUT
BL1
BL2
BL3
BL4
BL6
BL7
AGND
EN_LDOA
LDOB
LDOC
IN
EN_LDOB/C
EN/SET
FL_EN
PGND
REF
8
FL1
5
5
4
1x/1.5x/2x
Tri-mode
Charge Pump
Control
Logic
Main
Backlight
Current
Control
Sub
Backlight
Current
Control
Flash
Control


Similar Part No. - AAT2861IMK-3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
AAT2860-1 ANALOGICTECH-AAT2860-1 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
AAT2860-2 ANALOGICTECH-AAT2860-2 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
AAT2860-3 ANALOGICTECH-AAT2860-3 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
AAT2860-4 ANALOGICTECH-AAT2860-4 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
More results

Similar Description - AAT2861IMK-3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
   Power AND Lighting Management Unit
logo
Texas Instruments
LM8502 TI1-LM8502_13 Datasheet
1Mb / 72P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
[Old version datasheet]   Advanced Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
   Advanced Lighting Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
National Semiconductor ...
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
   Advanced Lighting Management Unit
logo
Texas Instruments
LP5526 TI1-LP5526 Datasheet
1Mb / 39P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
ams AG
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
   480mA Camera Lighting Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com