Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN412BTTE1002B50 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RN412BTTE1002B50
Description  fixed metal film melf resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN412BTTE1002B50 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RN412BTTE1002B50 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN412BTTE1002B50 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
90
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/23/08
RN41, RM41
fixed metal film melf resistors
Absolute
Maximum
Working
Voltage
RN412A
RN412B
RN412D
RN412E
RN412H
RM412D
RM412H
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
@ 70°C
T.C.R.
(ppm/°C)
Max.
applications and ratings
1/8W (.125W)
1/5W (.2W)
1/4W (.25W)
1/2W (.5W)
1/5W (.2W)
1/2W (.5W)
±100
±50
±200
±350
E-24
(J±5%)
E-24, E-96
(F±1%)
200V
300V
150V
0.22
Ω-100KΩ
100
Ω-100KΩ
10
Ω-604KΩ
10
Ω-1.0MΩ
0.22
Ω-8.2Ω
(E-12)
200V
500V
600V
-55°C
to
+155°C
PxR PxRx6.25
Derating Curve
Surface Temperature Rise
environmental applications
100
80
60
40
20
20
40
60
80
100120140160
155
70
Ambient Temperature
(°C)
0
0
80
60
40
20
25
50
75
100
% Rated Power
0
0
2E
2B
2H
2D
2A
PMS 300 neg.
Black neg.
E-24, E-96
(C±0.25%)
100
Ω-100KΩ
E-24, E-96
(D±0.5%)
1/8W (.125W)
±50
±25
——
100
Ω-604KΩ
±50
±25
100
Ω-100KΩ 100Ω-1MΩ
RN412ES
1/4W (.25W)
1
Ω-5.11MΩ
——
±50
±25
100
Ω-100KΩ 100Ω-604KΩ
±350
——
0.22
Ω-0.91Ω
250V
400V
250V
Performance Characteristics
Resistance Range
(B±0.1%)
43
Ω-511KΩ
RN413AS
1W
1
Ω-1MΩ
——
±50
0.22
Ω-0.91Ω
600V
400V
Parameter
Requirement
∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C, +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±0.5%
±0.3%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±0.5%
±0.3%
Intermittent Overload
Rated voltage x 4 (2Ax3) or Max. intermittent overload voltage, whichever
is lower, 10,000 cycles. 2A: 200V, 2B & 2D: 300V, 2E: 500V, 2H: 600V
±1%: RN41 2E
±2%: RM41 2H
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 5 cycles
±0.5%: RN41 2A-2E
±1%: RN41 2H
±1%: RM41
±0.3%: RN41 2A-2E
±0.7% RN41 2H
±0.75%: RM41
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1%*, ±3%**,
±5%***
±3%: ****
±0.75%*,
±1.5%**, ±3%***
±1.5%: ****
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1%*, ±3%**,
±5%***
±5%: ****
±0.5%*, ±1.5%**,
±3%***
±3%: ****
High Temperature Exposure
+125°C, 100 hours
±1%: RN41
±0.75%: RN41
*RN41 2B-2E
**RN41 2A
*** RN41 2H
**** RM41
1733 Reader's Spreads pg1-203:document
1/27/09
4:08 PM
Page 88


Similar Part No. - RN412BTTE1002B50

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN412BTTE1002B50 KOA-RN412BTTE1002B50 Datasheet
89Kb / 4P
   Surface Mount Coat-insulated Fixed Metal Film Resistors
More results

Similar Description - RN412BTTE1002B50

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
   fixed metal film melf resistors
RN412BTTE1002J50 KOA-RN412BTTE1002J50 Datasheet
256Kb / 2P
   fixed metal film melf resistors
logo
RCD COMPONENTS INC.
MGP50S-R100-F RCD-MGP50S-R100-F Datasheet
40Kb / 1P
   METAL FILM MELF RESISTORS
logo
NIC-Components Corp.
NFR NIC-NFR Datasheet
96Kb / 6P
   Metal Film MELF Resistors
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
ABCO ELECTRONICS CO.LTD
MR18W ABCO-MR18W Datasheet
564Kb / 1P
   FIXED METAL FILM RESISTORS
MORS1W ABCO-MORS1W Datasheet
550Kb / 1P
   FIXED METAL OXIDE FILM RESISTORS
logo
List of Unclassifed Man...
MOR01SJ082JA10 ETC2-MOR01SJ082JA10 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com