Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN412BTTE1002C50 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RN412BTTE1002C50
Description  fixed metal film melf resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN412BTTE1002C50 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RN412BTTE1002C50 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN412BTTE1002C50 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RN41, RM41
fixed metal film melf resistors
features
Suitable for reflow and wave soldering
Higher stability in short and long term tests
Meets or exceeds IEC 60115-8, EIAJ RC-2132A
Marking: Blue body color for “RN”, green for “RM”
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
TE: 7" embossed plastic
(2A, 2B, 2ES - 3,000
pieces/reel)
(2D - 2,000 pieces/reel)
(2E, 2H, 3AS - 1,500
pieces/reel)
ordering information
±5%:
2 significant
figures + 1
multiplier. “R”
indicates decimal
on values <10
±1%:
3 significant
figures + 1
multiplier. “R”
indicates decimal
on values <100
RN41
2A: 0805
2B: 1406
2D: 1206
2E: 2309
2ES: 1406
2H: 2309
3AS: 2309
25
50
100
200
T: Sn
B: ±0.1%
C: ±0.25%
D: ±0.5%
F: ±1%
J: ±5%
RN41
2B
50*
T
Size
Type
Nominal
Resistance
Tolerance
T.C.R.
(ppm/°C)
Termination
Material
Packaging
New Part #
TE
1002
J
For further information on packaging,
please refer to Appendix A.
dimensions and construction
C
L
D3
D1 D2
Insulation
Coating
Resistive
Film
Marking
Ceramic
Core
Trimming
Line
End
Cap
Type
L
2A
(0805)
.079±.004
(2.0±0.1)
.012
(0.3)
.049±.002
(1.25±0.05)
.053
(1.35)
.003
(0.07)
.004
(0.1)
.061
(1.55)
.057±.004
(1.45±0.1)
.02
(0.5)
.138±.008
(3.5±0.2)
2B
(1406)
.069
(1.75)
.061±.006
(1.55±0.15)
.02
(0.5)
.126±.008
(3.2±0.2)
2D
(1206)
.006
(0.15)
.094
(2.4)
.087±.004
(2.2±0.1)
.02
(0.5)
.232±.008
(5.9±0.2)
2E, 2H
(2309)
(Inch Size Code)
C (min.)
D1
D2 (max.) D3 (max.)
Dimensions inches
(mm)
.006
(0.15)
.094
(2.4)
.087±.004
(2.2±0.1)
.02
(0.5)
.232±.008
(5.9±0.2)
3AS
.061
(1.55)
.055±.004
(1.4±0.1)
.02
(0.5)
.138±.008
(3.5±0.2)
2ES
(1406)
*T.C.R. noted for RN41 only
EU
TE: Embossed plastic
(2D - 2,000 pieces/reel)
(2H - 1,500 pieces/reel)
±5%: 2 significant figures
+ 1 multiplier. “R” indicates
decimal on values <10
RM41
2D: 1206
2H: 2309
T: Sn
J: ±5%
RM41
2D
T
Size
Type
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
TE
1R0
J
89
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/13/09
1733 Reader's Spreads pg1-203:document
1/27/09
4:08 PM
Page 87


Similar Part No. - RN412BTTE1002C50

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN412BTTE1002C50 KOA-RN412BTTE1002C50 Datasheet
89Kb / 4P
   Surface Mount Coat-insulated Fixed Metal Film Resistors
More results

Similar Description - RN412BTTE1002C50

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
   fixed metal film melf resistors
RN412BTTE1002J50 KOA-RN412BTTE1002J50 Datasheet
256Kb / 2P
   fixed metal film melf resistors
logo
RCD COMPONENTS INC.
MGP50S-R100-F RCD-MGP50S-R100-F Datasheet
40Kb / 1P
   METAL FILM MELF RESISTORS
logo
NIC-Components Corp.
NFR NIC-NFR Datasheet
96Kb / 6P
   Metal Film MELF Resistors
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
ABCO ELECTRONICS CO.LTD
MR18W ABCO-MR18W Datasheet
564Kb / 1P
   FIXED METAL FILM RESISTORS
MORS1W ABCO-MORS1W Datasheet
550Kb / 1P
   FIXED METAL OXIDE FILM RESISTORS
logo
List of Unclassifed Man...
MOR01SJ082JA10 ETC2-MOR01SJ082JA10 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com