Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X7R1210KT Datasheet(PDF) 9 Page - KOA Speer Electronics, Inc.

Part # X7R1210KT
Description  Ceramic Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X7R1210KT Datasheet(HTML) 9 Page - KOA Speer Electronics, Inc.

Back Button X7R1210KT Datasheet HTML 5Page - KOA Speer Electronics, Inc. X7R1210KT Datasheet HTML 6Page - KOA Speer Electronics, Inc. X7R1210KT Datasheet HTML 7Page - KOA Speer Electronics, Inc. X7R1210KT Datasheet HTML 8Page - KOA Speer Electronics, Inc. X7R1210KT Datasheet HTML 9Page - KOA Speer Electronics, Inc. X7R1210KT Datasheet HTML 10Page - KOA Speer Electronics, Inc. X7R1210KT Datasheet HTML 11Page - KOA Speer Electronics, Inc. X7R1210KT Datasheet HTML 12Page - KOA Speer Electronics, Inc. X7R1210KT Datasheet HTML 13Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
KOA SPEER
KOA SPEER ELECTRONICS, INC.
TN-196 R12
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 9 OF 13
12. Typical Impedance Characteristics - X7R
+10
+20
0
-10
-20
1kHz
10 kHz
100 kHz
1 MHz
10 MHz
Frequency
Δ Capacitance vs. Frequency
10
100
1000
Frequency, MHz
Variation of Impedance with Cap Value
Impedance vs. Frequency
1,000 pF vs. 10,000 pF - X7R
0805
0.10
0.01
1.00
1,000 pF
10,000 pF
10.00
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size
Impedance vs. Frequency
100,000 pF - X7R
0.1
.01
1.0
1206
0805
10
1210
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size
Impedance vs. Frequency
10,000 pF - X7R
0.1
.01
1.0
1206
0805
10
1210
1,000
10,000
100
0
+20
+25
+40
+60
+80
Temperature
°C
Insulation Resistance vs Temperature
+100
+12
0
-6
-75
-50
-25
0
+25 +50 +75 +100 +125
Temperature
°C
Temperature Coefficient
+6
-12
-18
-24
TN-196 R12
1/25/07
9:45 AM
Page 9


Similar Part No. - X7R1210KT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X7R1210KTTD101B KOA-X7R1210KTTD101B Datasheet
243Kb / 5P
   ceramic chip capacitors
X7R1210KTTD101C KOA-X7R1210KTTD101C Datasheet
243Kb / 5P
   ceramic chip capacitors
X7R1210KTTD101D KOA-X7R1210KTTD101D Datasheet
243Kb / 5P
   ceramic chip capacitors
X7R1210KTTD101F KOA-X7R1210KTTD101F Datasheet
243Kb / 5P
   ceramic chip capacitors
X7R1210KTTDB101B KOA-X7R1210KTTDB101B Datasheet
243Kb / 5P
   ceramic chip capacitors
More results

Similar Description - X7R1210KT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com