Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3989 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN3989
Description  USB/Charger Detection Device with Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3989 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN3989 Datasheet HTML 1Page - Fairchild Semiconductor FAN3989 Datasheet HTML 2Page - Fairchild Semiconductor FAN3989 Datasheet HTML 3Page - Fairchild Semiconductor FAN3989 Datasheet HTML 4Page - Fairchild Semiconductor FAN3989 Datasheet HTML 5Page - Fairchild Semiconductor FAN3989 Datasheet HTML 6Page - Fairchild Semiconductor FAN3989 Datasheet HTML 7Page - Fairchild Semiconductor FAN3989 Datasheet HTML 8Page - Fairchild Semiconductor FAN3989 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3989 • 1.0.3
2
Pin Configuration
D+
GND
FLAG2
LS CTRL
D-
FLAG2
VBUS
VOUT
1
2
3
4
8
7
6
5
Figure 2.
Pin Configuration (Top View)
Pin Definitions
Pin#
Name
Type
Description
1
D+
Input
USB data input
2
GND
Input
Device ground
3
Flag2
Output
Over/under-voltage flag output
4
LSctrl
Output
PMOS switch control – pull-up connection to VBUS
5
Vout
Output
Voltage out
6
VBUS
Input
Power input from charger, USB device, or handheld battery
7
Flag1
Output
Charger/standard USB device detect flag
8
D-
Input
USB data input
Truth Table
Connection
State
VBUS
D-
D+
FLAG1 FLAG2 LS CTRL
Description
STD USB Device
0V
R to GND
R to GND
LOW
LOW
HIGH
Load switch open
USB Charger
5V
Short to D+
Short to D-
HIGH
HIGH
LOW
Normal state,
load switch closed
VBUS GT 6V
GT 6V
Short to D+
Short to D-
HIGH
LOW
HIGH
Load switch open
VBUS LT 3.3V
LT 3.3V
Short to D+
Short to D-
HIGH
LOW
HIGH
Load switch open
PC Data/Charger
5V
Open
Open
LOW
HIGH
LOW
Load switch closed


Similar Part No. - FAN3989

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
   USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
FAN3989MLP8X ONSEMI-FAN3989MLP8X Datasheet
629Kb / 14P
   USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
More results

Similar Description - FAN3989

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
   USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Texas Instruments
BQ24392 TI1-BQ24392 Datasheet
708Kb / 17P
[Old version datasheet]   Charger Detection Device with High Speed USB Switch Battery Charger Specification v1.2
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
   USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Texas Instruments
TSU5611 TI1-TSU5611 Datasheet
477Kb / 7P
[Old version datasheet]   DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
ON Semiconductor
FSA832 ONSEMI-FSA832 Datasheet
397Kb / 11P
   USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
FSA880 ONSEMI-FSA880 Datasheet
790Kb / 27P
   USB Port 2:1 Switch with Accessory and Charger Detection
August 2014 Rev. 1.0.7
logo
Fairchild Semiconductor
FSA880 FAIRCHILD-FSA880 Datasheet
1Mb / 4P
   USB Port 2:1 Switch with Accessory and Charger Detection
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com