Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3707EGN-SYNC-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3707EGN-SYNC-TRPBF
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707EGN-SYNC-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3707EGN-SYNC-TRPBF Datasheet HTML 3Page - Linear Technology LTC3707EGN-SYNC-TRPBF Datasheet HTML 4Page - Linear Technology LTC3707EGN-SYNC-TRPBF Datasheet HTML 5Page - Linear Technology LTC3707EGN-SYNC-TRPBF Datasheet HTML 6Page - Linear Technology LTC3707EGN-SYNC-TRPBF Datasheet HTML 7Page - Linear Technology LTC3707EGN-SYNC-TRPBF Datasheet HTML 8Page - Linear Technology LTC3707EGN-SYNC-TRPBF Datasheet HTML 9Page - Linear Technology LTC3707EGN-SYNC-TRPBF Datasheet HTML 10Page - Linear Technology LTC3707EGN-SYNC-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC3707-SYNC
7
3707sfa
VIN = 15V
VOUT = 5V
IOUT5 = IOUT3.3 = 2A
1μs/DIV
3707 G22
VIN
200mV/DIV
IIN
2A/DIV
VSW2
10V/DIV
VSW1
10V/DIV
VIN = 15V
VOUT = 5V
VFCB = OPEN
IOUT = 20mA
10μs/DIV
3707 G23
IOUT
0.5A/DIV
VOUT
20mV/DIV
VIN = 15V
VOUT = 5V
VFCB = 5V
IOUT = 20mA
2μs/DIV
3707 G24
IOUT
0.5A/DIV
VOUT
20mV/DIV
Input Source/Capacitor
Instantaneous Current (Figure 13)
Burst Mode Operation (Figure 13)
Constant Frequency (Burst Inhibit)
Operation (Figure 13)
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
–25
25
29
35
0
50
75
3707 G26
27
33
31
25
100
125
VOUT = 5V
TEMPERATURE (°C)
–50
–25
0
4
10
0
50
75
3707 G27
2
8
6
25
100
125
TEMPERATURE (°C)
–50
200
250
350
25
75
3707 G28
150
100
–25
0
50
100
125
50
0
300
VPLLFLTR = 2.4V
VPLLFLTR = 1.2V
VPLLFLTR = 0V
TEMPERATURE (°C)
–50
3.40
3.45
3.50
25
75
3707 G29
3.35
3.30
–25
0
50
100
125
3.25
3.20
TEMPERATURE (°C)
–50
–25
0
0.5
1.5
2.0
2.5
75
100
50
4.5
3707 G30
1.0
0
25
125
3.0
3.5
4.0
LATCH ARMING
LATCHOFF
THRESHOLD
Undervoltage Lockout
vs Temperature
Shutdown Latch Thresholds
vs Temperature
Current Sense Pin Input Current
vs Temperature
EXTVCC Switch Resistance
vs Temperature
Oscillator Frequency
vs Temperature


Similar Part No. - LTC3707EGN-SYNC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707EGN-PBF LINER-LTC3707EGN-PBF Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-TR LINER-LTC3707EGN-TR Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-TRPBF LINER-LTC3707EGN-TRPBF Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC3707EGN-SYNC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
   High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
   High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
376Kb / 22P
   High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com