Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y5V0402KT Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # Y5V0402KT
Description  Ceramic Chip Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

Y5V0402KT Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

Back Button Y5V0402KT Datasheet HTML 2Page - KOA Speer Electronics, Inc. Y5V0402KT Datasheet HTML 3Page - KOA Speer Electronics, Inc. Y5V0402KT Datasheet HTML 4Page - KOA Speer Electronics, Inc. Y5V0402KT Datasheet HTML 5Page - KOA Speer Electronics, Inc. Y5V0402KT Datasheet HTML 6Page - KOA Speer Electronics, Inc. Y5V0402KT Datasheet HTML 7Page - KOA Speer Electronics, Inc. Y5V0402KT Datasheet HTML 8Page - KOA Speer Electronics, Inc. Y5V0402KT Datasheet HTML 9Page - KOA Speer Electronics, Inc. Y5V0402KT Datasheet HTML 10Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
KOA SPEER ELECTRONICS, INC.
TN-196 R12
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 6 OF 13
9.
Y5V Capacitance Voltage Availability
* IR and vapor phase solder only recommended
Capacitance tolerance available: +80, -20%
Capacitance values
pF
µF
Cap. Code
Size
0402*
0603*
0805
1206
16
(C)
16
(C)
25
(E)
50
(H)
16
(C)
25
(E)
50
(H)
16
(C)
25
(E)
50
(H)
10
(A)
10
(A)
10
(A)
10
(A)
2200
.0022
222
2700
.0027
272
3300
.0033
332
3900
.0039
392
4700
.0047
472
5600
.0056
562
6800
.0068
682
8200
.0082
822
10000
.010
103
12000
.012
123
15000
.015
153
18000
.018
183
22000
.022
223
27000
.027
273
33000
.033
333
39000
.039
393
47000
.047
473
56000
.056
563
68000
.068
683
82000
.082
823
100000
.100
104
120000
.120
124
150000
.150
154
180000
.180
184
220000
.220
224
270000
.270
274
330000
.330
334
390000
.390
394
470000
.470
474
560000
.560
564
680000
.680
684
820000
.820
824
1000000
1.0
105
1200000
1.2
125
1500000
1.5
155
1800000
1.8
185
2200000
2.2
225
2700000
2.7
275
3300000
3.3
335
3900000
3.9
395
4700000
4.7
475
5600000
5.6
565
6800000
6.8
685
10000000
10
106
22000000
22
226
TN-196 R12
1/25/07
9:45 AM
Page 6


Similar Part No. - Y5V0402KT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
Y5V0402ATTD101B KOA-Y5V0402ATTD101B Datasheet
161Kb / 6P
   ceramic chip capacitors
Y5V0402ATTD101C KOA-Y5V0402ATTD101C Datasheet
161Kb / 6P
   ceramic chip capacitors
Y5V0402ATTD101D KOA-Y5V0402ATTD101D Datasheet
161Kb / 6P
   ceramic chip capacitors
Y5V0402ATTP101B KOA-Y5V0402ATTP101B Datasheet
161Kb / 6P
   ceramic chip capacitors
Y5V0402ATTP101C KOA-Y5V0402ATTP101C Datasheet
161Kb / 6P
   ceramic chip capacitors
More results

Similar Description - Y5V0402KT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com