Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z25YCT26A Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # Z25YCT26A
Description  zero ohm jumpers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

Z25YCT26A Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  Z25YCT26A Datasheet HTML 1Page - KOA Speer Electronics, Inc. Z25YCT26A Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
106
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/17/08
Z, J
zero ohm jumpers
Rated
Ambient
Temperature
Resistance
Part
Designation
Maximum
Amperage
applications and ratings
Minimum
Dielectric
Withstanding
Voltage
Z16
Z25
Z25Y
J1/6Z
J1/4Z
1.5A
2.5A
15A
8A
10A
300V
500V
500V
+70°C
20m
Ω or less
20m
Ω or less
10m
Ω Max.
Operating
Temperature
Range
-55°C to +155°C
Derating Curve
environmental applications
15
12
9
6
3
-80
-40
0
4080160
70
Ambient Temperature
(°C)
0
-55
120
155
Z16
Z25
125
J1/6Z
J1/4Z
Z25Y
Performance Characteristics
Parameter
Resistance
Rapid Change of Temperature
Less than 20m
Measuring points are 10mm ± 1mm from the end cap
Requirement
Test Method
Terminal Strength
(Direct Load) Z16: 5N, 30 seconds, Z25: 10N, 30 seconds
(Twist Test) 360°, 5 times
(Bending Test) 5N, 90°, 2 times (Z16: 2.5N)
No mechanical damages
40°C ±2°C, 90-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
Endurance @ 70°C
70°C ±2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
Solvent Resistance
Isopropyl alcohol with ultrasonic cleansing for 2 minutes
Power: 0.3W/cm2, f: 28kHz, Temperature: 35°C ± 5°C
No visible damages to protective
coating and marking
Terminal except 3mm shall be immersed in the solder, 350°C ± 5°C,
3.5 seconds ± 0.5 second
Resistance to Solder Heat
Solderability
90% coverage minimum
235°C ± 5°C, 5 seconds ± 0.5 second
-55°C (30 minutes)/+85°C (30 minutes), 5 cycles
Less than 20m
Moisture Resistance
-55°C to +125°C
1733 Reader's Spreads pg1-203:document
1/27/09
4:08 PM
Page 104


Similar Part No. - Z25YCT26A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
Z250 FORMOSA-Z250 Datasheet
54Kb / 2P
   1WATT ZENER DIODE
logo
New Jersey Semi-Conduct...
Z250 NJSEMI-Z250 Datasheet
94Kb / 1P
   PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMAHILITY CLASSIFICATION 94V-0
logo
Formosa MS
Z250B FORMOSA-Z250B Datasheet
112Kb / 7P
   Zener Diode
logo
List of Unclassifed Man...
Z250LA10 ETC2-Z250LA10 Datasheet
111Kb / 1P
   RADIAL LEAD METAL OXIDE VARISTORS.LINE VOLTAGE SERIES
Z250LA20A ETC2-Z250LA20A Datasheet
111Kb / 1P
   RADIAL LEAD METAL OXIDE VARISTORS.LINE VOLTAGE SERIES
More results

Similar Description - Z25YCT26A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
Z16CT52A KOA-Z16CT52A Datasheet
223Kb / 2P
   zero ohm jumpers
logo
IRC - a TT electronics ...
OARS-1Z IRCTT-OARS-1Z Datasheet
135Kb / 2P
   Open Air Zero Ohm Jumpers
logo
RCD COMPONENTS INC.
ZJ2-BC2W RCD-ZJ2-BC2W Datasheet
53Kb / 1P
   ZERO-OHM JUMPERS, 2A to 25A
logo
Stackpole Electronics, ...
CD_SERIES SEI-CD_SERIES Datasheet
265Kb / 4P
   Zero Ohm Resistor
4/5/2022
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
   MaLE JumpERS
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
   Jumpers Accessories
04.18
logo
KOA Speer Electronics, ...
CC10 KOA-CC10 Datasheet
356Kb / 2P
   zero ohm melf resistor
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
   SHUNTS JUMPERS
logo
Aries Electronics, Inc.
10-002-101T ARIES-10-002-101T Datasheet
181Kb / 1P
   DIP Jumpers
0517 ARIES-0517 Datasheet
656Kb / 1P
   Mount components, jumpers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com