Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZX3V0C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TZX3V0C
Description  Silicon Epitaxial Planar Z-Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZX3V0C Datasheet(HTML) 5 Page - Vishay Siliconix

  TZX3V0C Datasheet HTML 1Page - Vishay Siliconix TZX3V0C Datasheet HTML 2Page - Vishay Siliconix TZX3V0C Datasheet HTML 3Page - Vishay Siliconix TZX3V0C Datasheet HTML 4Page - Vishay Siliconix TZX3V0C Datasheet HTML 5Page - Vishay Siliconix TZX3V0C Datasheet HTML 6Page - Vishay Siliconix TZX3V0C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TZX...
Vishay Telefunken
Rev. 2, 01-Apr-99
5 (7)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85614
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage ( V )
25
95 9598
IZ=5mA
Tj =25°C
Figure 3. Typical Change of Working Voltage under
Operating Conditions at Tamb=25°C
–60
0
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj – Junction Temperature ( °C )
240
95 9599
VZtn=VZt/VZ(25°C)
TKVZ=10 10–4/K
8
10–4/K
–4
10–4/K
6
10–4/K
4
10–4/K
2
10–4/K
–2
10–4/K
0
Figure 4. Typical Change of Working Voltage vs.
Junction Temperature
010
20
30
–5
0
5
10
15
VZ – Z-Voltage ( V )
50
95 9600
40
IZ=5mA
Figure 5. Temperature Coefficient of Vz vs.
Z–Voltage
0
5
10
15
0
50
100
150
200
VZ – Z-Voltage ( V )
25
95 9601
20
Tj =25°C
VR =2V
Figure 6. Diode Capacitance vs.
Z–Voltage
0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
1.0
95 9605
VF – Forward Voltage ( V )
Tj =25°C
Figure 7. Forward Current vs.
Forward Voltage
04
8
12
16
20
95 9604
0
20
40
60
80
100
VZ – Z-Voltage ( V )
Ptot=500mW
Tamb=25°C
Figure 8. Z–Current vs. Z–Voltage


Similar Part No. - TZX3V0C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TZX3V0C DIODES-TZX3V0C Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Vishay Siliconix
TZX3V0C VISHAY-TZX3V0C Datasheet
139Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Mar-07
TZX3V0C VISHAY-TZX3V0C Datasheet
100Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 22-Nov-11
TZX3V0C VISHAY-TZX3V0C Datasheet
121Kb / 8P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
TZX3V0C VISHAY-TZX3V0C Datasheet
101Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
More results

Similar Description - TZX3V0C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85B VISHAY-BZX85B Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
1N4678 VISHAY-1N4678 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZT55C VISHAY-BZT55C Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
TEMIC Semiconductors
BZT55C TEMIC-BZT55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZM55B VISHAY-BZM55B Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com