Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAH-03C180 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SRAH-03C180
Description  NON-ISOLATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-03C180 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SRAH-03C180 Datasheet HTML 1Page - Bel Fuse Inc. SRAH-03C180 Datasheet HTML 2Page - Bel Fuse Inc. SRAH-03C180 Datasheet HTML 3Page - Bel Fuse Inc. SRAH-03C180 Datasheet HTML 4Page - Bel Fuse Inc. SRAH-03C180 Datasheet HTML 5Page - Bel Fuse Inc. SRAH-03C180 Datasheet HTML 6Page - Bel Fuse Inc. SRAH-03C180 Datasheet HTML 7Page - Bel Fuse Inc. SRAH-03C180 Datasheet HTML 8Page - Bel Fuse Inc. SRAH-03C180 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.3 Vdc Input
0.9 Vdc - 2.5 Vdc/3 A Output
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Input Reflected Ripple Current (pk-pk)
-
50 mA
100 mA
Input Reflected Ripple Current (rms)
-
15 mA
25 mA
With simulated source impedance
of 500 nH, 5 Hz to 20 MHz; use a
270 uF/6.3 V capacitor with
ESR=0.03 ohm max, at 100 kHz.
I
2t Inrush Current Transient
-
0.01 A
2s
0.02 A
2s
Turn on Voltage Threshold
-
2.7 V
-
Turn off Voltage Threshold
-
2.4 V
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
2.450 V
1.764 V
1.470 V
1.176 V
0.882 V
2.5 V
1.8 V
1.5 V
1.2 V
0.9 V
2.550 V
1.836 V
1.530 V
1.224 V
0.918 V
Test conditions:
Vin=3.3 V, Io= full load
Line Regulation
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
1 mV
1 mV
1 mV
1 mV
1 mV
5 mV
5 mV
5 mV
5 mV
5 mV
Load Regulation
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
1 mV
1 mV
1 mV
1 mV
1 mV
5 mV
5 mV
5 mV
5 mV
5 mV
Regulation Over Temperature
(-40
°C to +85 °C)
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
10 mV
10 mV
10 mV
10 mV
10 mV
20 mV
20 mV
20 mV
20 mV
20 mV
Output Current
0 A
-
3 A
Current Limit Threshold
5 A
-
9 A
Short Circuit Surge Transient
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
-
-
-
-
-
0.04 A
2s
0.04 A
2s
0.04 A
2s
0.04 A
2s
0.04 A
2s
0.08 A
2s
0.08 A
2s
0.08 A
2s
0.08 A
2s
0.08 A
2s


Similar Part No. - SRAH-03C180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-03C180 BEL-SRAH-03C180 Datasheet
196Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRAH-03C180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com