Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11004DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74AC11004DW
Description  HEX INVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11004DW Datasheet(HTML) 1 Page - Texas Instruments

  74AC11004DW Datasheet HTML 1Page - Texas Instruments 74AC11004DW Datasheet HTML 2Page - Texas Instruments 74AC11004DW Datasheet HTML 3Page - Texas Instruments 74AC11004DW Datasheet HTML 4Page - Texas Instruments 74AC11004DW Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
74AC11004
HEX INVERTER
SCAS033B – JANUARY 1988 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Flow-Through Architecture Optimizes
PCB Layout
D Center-Pin VCC and GND Configuration
Minimizes High-Speed Switching Noise
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic
Small-Outline (DW) and Shrink
Small-Outline (DB) Packages, and Standard
Plastic 300-mil DIPs (N)
description
This device contains six independent inverters. It performs the Boolean function Y = A.
The 74AC11004 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
20
1A
19
2A
1Y
1
18
3A
13
4A
2Y
2
12
5A
11
6A
3Y
3
4Y
8
1
5Y
9
6Y
10
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1Y
2Y
3Y
GND
GND
GND
GND
4Y
5Y
6Y
1A
2A
3A
NC
VCC
VCC
NC
4A
5A
6A
DB, DW, OR N PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - 74AC11004DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11004DW TI1-74AC11004DW Datasheet
816Kb / 13P
[Old version datasheet]   Flow-Through Architecture Optimizes PCB Layout
74AC11004DWE4 TI1-74AC11004DWE4 Datasheet
816Kb / 13P
[Old version datasheet]   Flow-Through Architecture Optimizes PCB Layout
74AC11004DWG4 TI1-74AC11004DWG4 Datasheet
816Kb / 13P
[Old version datasheet]   Flow-Through Architecture Optimizes PCB Layout
74AC11004DWR TI1-74AC11004DWR Datasheet
816Kb / 13P
[Old version datasheet]   Flow-Through Architecture Optimizes PCB Layout
74AC11004DWRE4 TI1-74AC11004DWRE4 Datasheet
816Kb / 13P
[Old version datasheet]   Flow-Through Architecture Optimizes PCB Layout
More results

Similar Description - 74AC11004DW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com