Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ24CA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 3.0SMCJ24CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

3.0SMCJ24CA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  3.0SMCJ24CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 3.0SMCJ24CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 3.0SMCJ24CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3000 Watt Surface Mount TVS
UNI
BI
3.0SMCJ5.0A
3.0SMCJ5.0CA
RDE
DDE
5.00
6.40
7.00
10
9.2
326.1
800
3.0SMCJ6.0A
3.0SMCJ6.0CA
RDG
DDG
6.00
6.67
7.37
10
10.3
291.3
800
3.0SMCJ6.5A
3.0SMCJ6.5CA
RDK
DDK
6.50
7.22
7.98
10
11.2
267.9
500
3.0SMCJ7.0A
3.0SMCJ7.0CA
PDM
DDM
7.00
7.78
8.60
10
12.0
250.0
200
3.0SMCJ7.5A
3.0SMCJ7.5CA
PDP
DDP
7.50
8.33
9.21
1
12.9
232.6
100
3.0SMCJ8.0A
3.0SMCJ8.0CA
PDR
DDR
8.00
8.89
9.83
1
13.6
220.6
50
3.0SMCJ8.5A
3.0SMCJ8.5CA
PDT
DDT
8.50
9.44
10.40
1
14.4
208.3
20
3.0SMCJ9.0A
3.0SMCJ9.0CA
PDV
DDV
9.00
10.00
11.10
1
15.4
194.8
10
3.0SMCJ10A
3.0SMCJ10CA
PDX
DDX
10.00
11.10
12.30
1
17.0
176.5
5
3.0SMCJ11A
3.0SMCJ11CA
PDZ
DDZ
11.00
12.20
13.50
1
18.2
164.8
5
3.0SMCJ12A
3.0SMCJ12CA
PEE
DEE
12.00
13.30
14.70
1
19.9
150.8
5
3.0SMCJ13A
3.0SMCJ13CA
PEG
DEG
13.00
14.40
15.90
1
21.5
139.5
5
3.0SMCJ14A
3.0SMCJ14CA
PEK
DEK
14.00
15.60
17.20
1
23.2
129.3
5
3.0SMCJ15A
3.0SMCJ15CA
PEM
DEM
15.00
16.70
18.50
1
24.4
123.0
5
3.0SMCJ16A
3.0SMCJ16CA
PEP
DEP
16.00
17.80
19.70
1
26.0
115.4
5
3.0SMCJ17A
3.0SMCJ17CA
PER
DER
17.00
18.90
20.90
1
27.6
108.7
5
3.0SMCJ18A
3.0SMCJ18CA
PET
DET
18.00
20.00
22.10
1
29.2
102.7
5
3.0SMCJ20A
3.0SMCJ20CA
PEV
DEV
20.00
22.20
24.50
1
32.4
92.6
5
3.0SMCJ22A
3.0SMCJ22CA
PEX
DEX
22.00
24.40
26.90
1
35.5
84.5
5
3.0SMCJ24A
3.0SMCJ24CA
PEZ
DEZ
24.00
26.70
29.50
1
38.9
77.1
5
3.0SMCJ26A
3.0SMCJ26CA
PFE
DFE
26.00
28.90
31.90
1
42.1
71.3
5
3.0SMCJ28A
3.0SMCJ28CA
PFG
DFG
28.00
31.10
34.40
1
45.4
66.1
5
3.0SMCJ30A
3.0SMCJ30CA
PFK
DFK
30.00
33.30
36.80
1
48.4
62.0
5
3.0SMCJ33A
3.0SMCJ33CA
PFM
DFM
33.00
36.70
40.60
1
53.3
56.3
5
3.0SMCJ36A
3.0SMCJ36CA
PFP
DFP
36.00
40.00
44.20
1
58.1
51.6
5
3.0SMCJ40A
3.0SMCJ40CA
PFR
DFR
40.00
44.40
49.10
1
64.5
46.5
5
3.0SMCJ43A
3.0SMCJ43CA
PFT
DFT
43.00
47.80
52.80
1
69.4
43.2
5
3.0SMCJ45A
3.0SMCJ45CA
PFV
DFV
45.00
50.00
55.30
1
72.7
41.3
5
3.0SMCJ48A
3.0SMCJ48CA
PFX
DFX
48.00
53.30
58.90
1
77.4
38.8
5
3.0SMCJ51A
3.0SMCJ51CA
PFZ
DFZ
51.00
56.70
62.70
1
82.4
36.4
5
3.0SMCJ54A
3.0SMCJ54CA
PGE
DGE
54.00
60.00
66.30
1
87.1
34.4
5
3.0SMCJ58A
3.0SMCJ58CA
PGG
DGG
58.00
64.40
71.20
1
93.6
32.1
5
3.0SMCJ60A
3.0SMCJ60CA
PGK
DGK
60.00
66.70
73.70
1
96.8
31.0
5
3.0SMCJ64A
3.0SMCJ64CA
PGM
DGM
64.00
71.10
78.60
1
103.0
29.1
5
3.0SMCJ70A
3.0SMCJ70CA
PGP
DGP
70.00
77.80
86.00
1
113.0
26.5
5
3.0SMCJ75A
3.0SMCJ75CA
PGR
DGR
75.00
83.30
92.10
1
121.0
24.8
5
3.0SMCJ78A
3.0SMCJ78CA
PGT
DGT
78.00
86.70
95.80
1
126.0
23.8
5
3.0SMCJ85A
3.0SMCJ85CA
PGV
DGV
85.00
94.40
104.00
1
137.0
21.9
5
3.0SMCJ90A
3.0SMCJ90CA
PGX
DGX
90.00
100.00
111.00
1
146.0
20.5
5
3.0SMCJ100A 3.0SMCJ100CA
PGZ
DGZ
100.00
111.00
123.00
1
162.0
18.5
5
3.0SMCJ110A 3.0SMCJ110CA
PHE
DHE
110.00
122.00
135.00
1
177.0
16.9
5
3.0SMCJ120A 3.0SMCJ120CA
PHG
DHG
120.00
133.00
147.00
1
193.0
15.5
5
3.0SMCJ130A 3.0SMCJ130CA
PHK
DHK
130.00
144.00
159.00
1
209.0
14.4
5
3.0SMCJ150A 3.0SMCJ150CA
PHM
DHM
150.00
167.00
185.00
1
243.0
12.3
5
3.0SMCJ160A 3.0SMCJ160CA
PHP
DHP
160.00
178.00
197.00
1
259.0
11.6
5
3.0SMCJ170A 3.0SMCJ170CA
PHR
DHR
170.00
189.00
209.00
1
275.0
10.9
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is ± 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
UNI-POLAR
BI-POLAR
DEVICE
MARKING
CODE
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414


Similar Part No. - 3.0SMCJ24CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ24CA WTE-3.0SMCJ24CA Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ24CA WTE-3.0SMCJ24CA Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ24CA DIOTECH-3.0SMCJ24CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ24CA EIC-3.0SMCJ24CA Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
3.0SMCJ24CA WEITRON-3.0SMCJ24CA Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ24CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com