Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6559 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA6559
Description  5-Channel Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6559 Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LA6559 Datasheet HTML 1Page - Sanyo Semicon Device LA6559 Datasheet HTML 2Page - Sanyo Semicon Device LA6559 Datasheet HTML 3Page - Sanyo Semicon Device LA6559 Datasheet HTML 4Page - Sanyo Semicon Device LA6559 Datasheet HTML 5Page - Sanyo Semicon Device LA6559 Datasheet HTML 6Page - Sanyo Semicon Device LA6559 Datasheet HTML 7Page - Sanyo Semicon Device LA6559 Datasheet HTML 8Page - Sanyo Semicon Device LA6559 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LA6559
No.A0597-8/9
1
FR
FR
VCC
3.3VREG
VCC
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
TRACKING
FOCUS
VCONT
SPINDLE
VREF
MUTE1
MUTE2
LOADING
SLED
SLED MOTOR
M
SPINDLE MOTOR
M
LOADING MOTOR
M
REV
S-VCC
VCC2
VLO-
VLO+
VIN1
VIN1-
VO2+
VO2-
VO1+
VO1-
VCC1
FR
VO4+
VO4-
VO3+
VO3-
VIN1+
VIN2
FWD
S-GND
MUTE2
MUTE1
VIN4
GND-VREG
VCC-VREG
REG-OUT
REG-IN
VIN3+
VIN3-
VIN3
FR
VIN4-
VIN4+
VREF-IN
VCONT
VIN2+
VIN2-
FOCUS COIL
TRACKING COIL
Sample Application Circuit
Note : Add CR between outputs or to a circuit to GND when oscillation occurs in the output
(Example : R = 2.2
Ω, C = 0.1μF). Apply 4.5V or more to the external PNPTr emitter pin.


Similar Part No. - LA6559

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6551 SANYO-LA6551 Datasheet
352Kb / 9P
   LA6551
LA6556 SANYO-LA6556 Datasheet
293Kb / 8P
   LA6556
LA6557 SANYO-LA6557 Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
LA6557H SANYO-LA6557H Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
LA6558 SANYO-LA6558 Datasheet
90Kb / 10P
   6-CH Driver for Mini Disk
More results

Similar Description - LA6559

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
FAN8025G3 FAIRCHILD-FAN8025G3 Datasheet
189Kb / 13P
   5-Channel Motor Driver
KA9259CD FAIRCHILD-KA9259CD Datasheet
294Kb / 15P
   5-Channel Motor Driver
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
   5-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56788FP MITSUBISHI-M56788FP Datasheet
292Kb / 8P
   5 CHANNEL ACTUATOR DRIVER
logo
Renesas Technology Corp
M56788AFP RENESAS-M56788AFP Datasheet
4Mb / 12P
   5 CHANNEL ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
   5 CHANNEL ACTUATOR MOTOR DRIVER
logo
Rohm
BD6758MWV ROHM-BD6758MWV_15 Datasheet
1Mb / 20P
   5-Channel System Lens Driver
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com