Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6571 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA6571
Description  5CH Driver for Mini Disk and Compact Disk
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6571 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA6571 Datasheet HTML 1Page - Sanyo Semicon Device LA6571 Datasheet HTML 2Page - Sanyo Semicon Device LA6571 Datasheet HTML 3Page - Sanyo Semicon Device LA6571 Datasheet HTML 4Page - Sanyo Semicon Device LA6571 Datasheet HTML 5Page - Sanyo Semicon Device LA6571 Datasheet HTML 6Page - Sanyo Semicon Device LA6571 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LA6571
No.7739-3/7
Package Dimensions
unit : mm
3251
Pin Description
Pin
Name
Pin
Name
Pin No.
Equivalent Circuit Diagram
Description
Input
VIN1+
VIN1−
VIN1
VIN2+
VIN2−
VIN2
VIN3+
VIN3−
VIN3
VIN4−
VIN4+
VIN4
VIN5+
VIN5−
VIN5
17
16
15
20
19
18
23
22
21
30
29
31
32
33
34
S-GND
VCC
VIN+
VIN-
VIN
Each input pin
Output
VO1+
VO1−
VO2+
VO2−
VO3+
VO3−
VO4+
VO4−
VO5+
VO5−
12
13
10
11
8
9
6
7
5
4
VCC
RF
VO
Each output
MUTE
MUTE1
MUTE2
MUTE3
1
2
36
MUTE
S-GND
VCC
Turns ON/OFF the output for
MUTE1: CH1, 2
MUTE2: CH3, 4, and
MUTE3: CH5.
Each MUTE operates
independently.
MUTE: H output ON
MUTE: L output OFF
With the output OFF, the
output has a high impedance.
(6.2)
36
1
19
18
0.8
2.0
17.8
0.3
2.7
0.25
(0.5)
SANYO : HSOP36R(375mil)
020
-40
-20
-30
40
60
100
80 85
0
1.0
0.8
0.5
3.0
2.0
2.5
1.04
0.42
1.5
Ambient Temperature, Ta -
°C
ILA00922
Pd max - Ta
Independent IC
Mounted on a specified board
Mounted on a specified board:
76.1mm
×114.3mm×1.6mm glass epoxy


Similar Part No. - LA6571

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
More results

Similar Description - LA6571

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Sanyo Semicon Device
LA6569 SANYO-LA6569 Datasheet
132Kb / 7P
   5-channel Driver for Compact Disk
LA6558 SANYO-LA6558 Datasheet
90Kb / 10P
   6-CH Driver for Mini Disk
LC78626E SANYO-LC78626E Datasheet
475Kb / 32P
   DSP for Compact Disk Players
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
logo
Apacer Technology Inc.
PV170-MPCIE APACER-PV170-MPCIE Datasheet
864Kb / 4P
   mini PCIe Disk Module
logo
Sanyo Semicon Device
LC89610 SANYO-LC89610 Datasheet
151Kb / 7P
   Mini-Disk Decoder LSI
LC89602 SANYO-LC89602 Datasheet
73Kb / 6P
   Audio Decoder LSI for Mini-Disk Playback
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com