Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20KP28CA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 20KP28CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

20KP28CA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  20KP28CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 20KP28CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 20KP28CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20000 Watt TVS
UNI-POLAR BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT) mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
20KP20A
20KP20CA
20.00
22.34
50
36.8
548.9
5000
20KP24A
20KP24CA
24.00
26.81
50
41.2
490.3
5000
20KP26A
20KP26CA
26.00
29.04
50
44.7
451.9
2000
20KP28A
20KP28CA
28.00
31.28
50
48.0
420.8
1000
20KP30A
20KP30CA
30.00
33.51
5
51.5
392.2
250
20KP32A
20KP32CA
32.00
35.74
5
54.3
372.0
150
20KP34A
20KP34CA
34.00
38.00
5
57.5
351.3
50
20KP36A
20KP36CA
36.00
40.20
5
61.5
328.5
20
20KP40A
20KP40CA
40.00
44.70
5
67.8
297.9
15
20KP44A
20KP44CA
44.00
49.10
5
72.7
277.9
10
20KP48A
20KP48CA
48.00
53.60
5
79.4
254.4
10
20KP52A
20KP52CA
52.00
58.10
5
85.8
235.4
10
20KP56A
20KP56CA
56.00
62.60
5
92.6
218.1
10
20KP60A
20KP60CA
60.00
67.00
5
97.6
207.0
10
20KP64A
20KP64CA
64.00
71.50
5
104.0
194.2
10
20KP68A
20KP68CA
68.00
76.00
5
110.0
183.6
10
20KP72A
20KP72CA
72.00
80.40
5
116.0
174.1
10
20KP80A
20KP80CA
80.00
89.40
5
130.0
155.4
10
20KP88A
20KP88CA
88.00
98.30
5
142.0
142.3
10
20KP96A
20KP96CA
96.00
107.20
5
155.0
130.3
10
20KP104A
20KP104CA
104.00
116.20
5
168.0
120.2
10
20KP112A
20KP112CA
112.00
125.10
5
182.0
111.0
10
20KP120A
20KP120CA
120.00
134.00
5
194.0
104.1
10
20KP132A
20KP132CA
132.00
147.40
5
213.0
94.8
10
20KP144A
20KP144CA
144.00
160.80
5
232.0
87.1
10
20KP160A
20KP160CA
160.00
178.70
5
258.0
78.3
10
20KP172A
20KP172CA
172.00
192.10
5
277.0
72.9
10
20KP180A
20KP180CA
180.00
201.10
5
291.0
69.4
10
20KP192A
20KP192CA
192.00
214.50
5
309.0
65.4
10
20KP204A
20KP204CA
204.00
227.90
5
329.0
61.4
10
20KP216A
20KP216CA
216.00
241.30
5
348.0
58.0
10
20KP232A
20KP232CA
232.00
259.10
5
374.0
54.0
10
20KP240A
20KP240CA
240.00
268.10
5
387.0
52.2
10
20KP256A
20KP256CA
256.00
286.00
5
412.0
49.0
10
20KP280A
20KP280CA
280.00
312.80
5
451.0
44.6
10
20KP300A
20KP300CA
300.00
335.10
5
483.0
41.8
10
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com


Similar Part No. - 20KP28CA

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
20KP28CA NJSEMI-20KP28CA Datasheet
136Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
20KP28CA MDE-20KP28CA Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
20KP28CA LEIDITECH-20KP28CA Datasheet
865Kb / 5P
   20KW Transient Voltage Suppressor
logo
FutureWafer Tech Co.,Lt...
20KP28CA FUTUREWAFER-20KP28CA Datasheet
879Kb / 9P
   20000W Transient Voltage Suppression Diodes
20-JUL-2021 V 2.0
logo
UN Semiconducctor INC
20KP28CA UNSEMI-20KP28CA Datasheet
3Mb / 6P
   20000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results

Similar Description - 20KP28CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com