Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-50123 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-50123
Description  MULTI-PURPOSE PULSE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-50123 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-50123 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
4
3
5
6
2
1
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
10
µHy
Leakage Inductance
1.5
µHy
Interwinding Capacitance (C
W/W)
9
pF
Primary DC Resistance
0.9
ohms
Secondary DC Resistance
0.9
ohms
Primary ET-Constant
3.7
V
µs
Rise Time
4.5
nS
Isolation (HI-POT)
500
V
RMS
Average Power Rating
500 mW
Dissipation Rating
150 mW
Peak Pulse Voltage
100 volts
Insulation Resistance
10,000 M
TEST CONDITIONS:
Oscillation Voltage = 20mV
Oscillation Frequency = 100.0 KHz TESTED WITH AN H.P. 4192A
07/02/98
1 OF 1
PHYSICAL DIMENSIONS
All dimensions in inches (mm)
MULTI-PURPOSE
PULSE
TRANSFORMER
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Parts shipped in anti-static
tubes. 50 pieces per tube
SCHEMATIC DIAGRAM
T-50123
Turns Ratio ( + 5% )
2CT : 1CT


Similar Part No. - T-50123

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-50123 RHOMBUS-IND-T-50123 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
More results

Similar Description - T-50123

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1400 RHOMBUS-IND-T-1400 Datasheet
22Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-51109 RHOMBUS-IND-T-51109 Datasheet
23Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-50109 RHOMBUS-IND-T-50109 Datasheet
26Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-50114 RHOMBUS-IND-T-50114 Datasheet
26Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-50118 RHOMBUS-IND-T-50118 Datasheet
26Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-50125 RHOMBUS-IND-T-50125 Datasheet
26Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-50124 RHOMBUS-IND-T-50124 Datasheet
26Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-50137 RHOMBUS-IND-T-50137 Datasheet
23Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-50101 RHOMBUS-IND-T-50101 Datasheet
27Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-50106 RHOMBUS-IND-T-50106 Datasheet
26Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-50110 RHOMBUS-IND-T-50110 Datasheet
26Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com