Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KP400A Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 30KP400A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

30KP400A Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  30KP400A Datasheet HTML 1Page - MDE Semiconductor, Inc. 30KP400A Datasheet HTML 2Page - MDE Semiconductor, Inc. 30KP400A Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
30000 Watt TVS
UNI-POLAR
BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM IR
(µA)
30KP28A
30KP28CA
28.00
31.3
50
50.0
606.0
5000
30KP30A
30KP30CA
30.00
33.5
50
55.2
548.9
5000
30KP33A
30KP33CA
33.00
36.9
50
58.5
517.2
5000
30KP36A
30KP36CA
36.00
40.2
50
61.8
490.3
5000
30KP39A
30KP39CA
39.00
43.6
20
67.2
450.9
2000
30KP42A
30KP42CA
42.00
46.9
10
72.0
420.8
1000
30KP43A
30KP43CA
43.00
48.0
10
73.0
415.1
1000
30KP45A
30KP45CA
45.00
50.3
5
77.4
391.5
250
30KP48A
30KP48CA
48.00
53.6
5
81.6
371.3
150
30KP51A
30KP51CA
51.00
57.0
5
86.4
350.7
50
30KP54A
30KP54CA
54.00
60.3
5
91.4
331.5
20
30KP58A
30KP58CA
58.00
64.8
5
92.4
327.9
20
30KP60A
30KP60CA
60.00
67.0
5
102.0
297.1
15
30KP64A
30KP64CA
64.00
71.5
5
104.0
291.3
10
30KP66A
30KP66CA
66.00
73.7
5
107.0
283.2
10
30KP70A
30KP70CA
70.00
78.2
5
109.0
278.0
10
30KP71A
30KP71CA
71.00
79.3
5
111.5
271.7
10
30KP72A
30KP72CA
72.00
80.4
5
114.0
265.8
10
30KP75A
30KP75CA
75.00
83.8
5
119.4
253.8
10
30KP78A
30KP78CA
78.00
87.1
5
129.0
234.0
10
30KP84A
30KP84CA
84.00
93.8
5
139.2
217.7
10
30KP90A
30KP90CA
90.00
100.5
5
146.4
207.0
10
30KP96A
30KP96CA
96.00
107.2
5
156.0
194.2
10
30KP102A
30KP102CA
102.00
113.9
5
165.6
183.0
10
30KP108A
30KP108CA
108.00
120.6
5
175.2
172.9
10
30KP120A
30KP120CA
120.00
134.0
5
194.4
155.9
10
30KP132A
30KP132CA
132.00
147.4
5
213.0
142.3
10
30KP144A
30KP144CA
144.00
160.8
5
223.2
135.8
10
30KP150A
30KP150CA
150.00
167.6
5
233.4
129.8
10
30KP156A
30KP156CA
156.00
174.3
5
245.0
123.7
10
30KP160A
30KP160CA
160.00
178.7
5
252.6
120.0
10
30KP168A
30KP168CA
168.00
187.7
5
272.4
111.2
10
30KP170A
30KP170CA
170.00
189.9
5
275.0
110.2
10
30KP180A
30KP180CA
180.00
201.1
5
290.4
104.3
10
30KP198A
30KP198CA
198.00
221.2
5
319.8
94.7
10
30KP216A
30KP216CA
216.00
241.3
5
348.6
86.9
10
30KP240A
30KP240CA
240.00
268.1
5
387.0
78.3
10
30KP258A
30KP258CA
258.00
288.2
5
416.4
72.8
10
30KP260A
30KP260CA
260.00
290.4
5
416.0
72.8
10
30KP270A
30KP270CA
270.00
301.6
5
436.2
69.5
10
30KP280A
30KP280CA
280.00
312.8
5
464.0
65.3
10
30KP288A
30KP288CA
288.00
321.7
5
469.9
64.5
10
30KP300A
30KP300CA
300.00
333.0
5
483.0
62.0
10
30KP350A
30KP350CA
350.00
389.0
5
564.0
53.0
10
30KP400A
30KP400CA
400.00
444.0
5
644.0
46.0
10
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double
For parts without A , the VBR is + 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com


Similar Part No. - 30KP400A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP400A MICROSEMI-30KP400A Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
30KP400A EIC-30KP400A Datasheet
125Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
30KP400A NJSEMI-30KP400A Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
30KP400A DIGITRON-30KP400A Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
30KP400A ETC2-30KP400A Datasheet
322Kb / 3P
   Transient Voltage Suppressor
More results

Similar Description - 30KP400A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com