Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB8659FN Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB8659FN
Description  DSC Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8659FN Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LB8659FN Datasheet HTML 3Page - Sanyo Semicon Device LB8659FN Datasheet HTML 4Page - Sanyo Semicon Device LB8659FN Datasheet HTML 5Page - Sanyo Semicon Device LB8659FN Datasheet HTML 6Page - Sanyo Semicon Device LB8659FN Datasheet HTML 7Page - Sanyo Semicon Device LB8659FN Datasheet HTML 8Page - Sanyo Semicon Device LB8659FN Datasheet HTML 9Page - Sanyo Semicon Device LB8659FN Datasheet HTML 10Page - Sanyo Semicon Device LB8659FN Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LB8659FN, LB8659PL
No.7899-7/16
Pin Description
Protection diode
Pin number
Upper side
Lower side
LB8659FN
LB8659PL
Pin name
Description
VB1
VB2
PGND
SGND
19, 38
17, 34
VB1
Battery power supply
37
33
VB2
ditto
22, 35
20, 32
PGND
Power system GND
44
40
SGND
Control system GND
20
18
IMB
OUT9 and OUT10 current detection feedback pin
21
19
IMA
OUT9 and OUT10 current detection pin
30
28
OUT1
Motor drive output
29
27
OUT2
ditto
28
26
OUT3
ditto
27
25
OUT4
ditto
32
30
OUT5
ditto
31
29
OUT6
ditto
26
24
OUT7
ditto
25
23
OUT8
ditto
24
22
OUT9
ditto
23
21
OUT10
ditto
3
2
IN1
Control signal input
4
3
IN2
ditto
5
4
IN3
ditto
6
5
IN4
ditto
7
6
IN5
ditto
8
7
IN6
ditto
9
8
IN7
ditto
10
9
IN8
ditto
11
10
IN9
ditto
13
11
IN10
ditto
14
12
IN11
ditto
43
39
VREF
Reference voltage output
39
35
VC1
Constant-voltage setting reference input
40
36
VC2
ditto
41
37
VC3
ditto
42
38
VC4
ditto
18
16
FC
Phase compensation pin
2
1
IC
Constant-current setting reference input
1
-
ICH
Constant-current setting switching output
15
13
ZMPR
Photo sensor drive output
16
14
ZMPI
ditto
17
15
AFPI
ditto


Similar Part No. - LB8659FN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8650T SANYO-LB8650T Datasheet
73Kb / 6P
   Driver for Digital Still Cameras
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
   Driver for Digital Still Cameras
LB8652T SANYO-LB8652T Datasheet
96Kb / 8P
   Monolithic Digital IC Driver for Digital Still Cameras
LB8653FN SANYO-LB8653FN Datasheet
252Kb / 14P
   DSC Motor Driver
LB8653T SANYO-LB8653T Datasheet
252Kb / 14P
   DSC Motor Driver
More results

Similar Description - LB8659FN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8653T SANYO-LB8653T Datasheet
252Kb / 14P
   DSC Motor Driver
logo
Princeton Technology Co...
PT5115 PTC-PT5115 Datasheet
205Kb / 3P
   4CH DSC Motor Driver
logo
List of Unclassifed Man...
AT5556 ETC-AT5556 Datasheet
325Kb / 15P
   6-CHANNEL DSC MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
logo
Princeton Technology Co...
PT5119 PTC-PT5119 Datasheet
496Kb / 4P
   51CH DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
logo
Silicon Touch Technolog...
11-MD152 SITI-11-MD152 Datasheet
223Kb / 15P
   Multi-Channels Motor Driver For DSC
11-MD142 SITI-11-MD142 Datasheet
190Kb / 11P
   Multi-Channels Motor Driver For DSC
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com