Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20KW172CA Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # 20KW172CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

20KW172CA Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  20KW172CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 20KW172CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 20KW172CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
• Plastic package has Underwriters Laboratory
P-600
Flammability Classification 94V-0
• Glass passivated junction
• 20000W Peak Pulse Power
capability on 10/1000 µs waveform
• Excellent clamping capability
1.0(25.4) MIN
• Repetition rate (duty cycle):0.05%
.360(9.1)
• Low incremental surge resistance
.340(8.6)
• Fast response time: typically less
DIA
.360(9.1)
than 1.0 ps from 0 volts to BV
.340(8.6)
• Typical Id less than 1µA above 10V
• High temperature soldering guaranteed:
265°C/10 seconds/.375", (9.5mm) lead
length, 5lbs., (2.3kg) tension
.052(1.3)
1.0(25.4) MIN
.048(1.2)
DIA
MECHANICAL DATA
Case:Molded plastic over glass passivated junction
Terminals: Plated Axial leads, solderable per
Dimensions in inches (milimeters)
MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.07 ounce, 2.1 gram
Ratings at 25°C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 10/1000 µs
waveform (NOTE 1)
Peak Pulse Current of on 10-1000 µs waveform
(NOTE 1)
Steady State Power Dissipation at Tl=75 °C
Lead Lengths.375", (9.5mm)(NOTE 2)
Peak Forward Surge Current, 8.3ms Sine-Wave
Superimposed on Rated Load, (JEDEC Method)
(NOTE 3)
Operatings and Storage Temperature Range
Tj, Tstg
-55 to +175
°C
NOTES:
1.Non-repetitive current pulse, per Fig.3 and derated above Ta=25 °C per Fig.2.
2.Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5.
3.8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum
Certified RoHS Compliant
UL File # E223026
Pm(AV)
IFSM
8.0
Watts
Amps
400.0
For Bidirectional use C or CA Suffix for types 20KW20 thru types 20KW300
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ippm
Watts
Minimum 20000
Pppm
SEE TABLE 1
Amps
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-20.0 TO 300 Volts
20000 Watt Peak Pulse Power
DEVICES FOR BIPOLAR APPLICATIONS
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
20KW SERIES


Similar Part No. - 20KW172CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
20KW172CA MDE-20KW172CA Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 20KW172CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com