Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICTE-18 Datasheet(PDF) 2 Page - MDE Semiconductor, Inc.

Part # ICTE-18
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

ICTE-18 Datasheet(HTML) 2 Page - MDE Semiconductor, Inc.

  ICTE-18 Datasheet HTML 1Page - MDE Semiconductor, Inc. ICTE-18 Datasheet HTML 2Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REVERSE
STANDOFF
VOLTAGE
(VRWM)
(V)
MINIMUM
BREAKDOWN
VOLTAGE
VBR @ 1mA
(Volts)
MAXIMUM
REVERSE
LEAKAGE
IR @ Vr
(µA)
MINIMUM
CLAMPING
VOLTAGE
(Vc) @
Ipp=1A
(Volts)
MAXIMUM
CLAMPING
VOLTAGE
(Vc) @
Ipp=1A
(Volts)
MAXIMUM
PEAK
PULSE
CURRENT
Ipp (A)
ICTE-5*
1N6373
MPTE-5*
5*
6.0
300.0
7.1
7.5
160.0
ICTE-8
1N6374
MPTE-8
8.0
9.4
25.0
11.3
11.5
100.0
ICTE-10
1N6375
MPTE-10
10.0
11.7
2.0
13.7
14.1
90.0
ICTE-12
1N6376
MPTE-12
12.0
14.1
2.0
16.1
16.5
70.0
ICTE-15
1N6377
MPTE-15
15.0
17.6
2.0
20.1
20.6
60.0
ICTE-18
1N6378
MPTE-18
18.0
21.2
2.0
24.2
25.2
50.0
ICTE-22
1N6379
MPTE-22
22.0
25.9
2.0
29.8
32.0
40.0
ICTE-36
1N6380
MPTE-36
36.0
42.4
2.0
50.6
54.3
23.0
ICTE-45
1N6381
MPTE-45
45.0
52.9
2.0
63.3
70.0
19.0
ICTE-8C
1N6382
MPTE-8C
8.0
9.4
50
11.4
11.6
100.0
ICTE-10C 1N6383 MPTE-10C
10.0
11.7
2.0
14.1
14.5
90.0
ICTE-12C 1N6384 MPTE-12C
12.0
14.1
2.0
16.7
17.1
70.0
ICTE-15C 1N6385 MPTE-15C
15.0
17.6
2.0
20.8
21.4
60.0
ICTE-18C 1N6386 MPTE-18C
18.0
21.2
2.0
24.8
25.5
50.0
ICTE-22C 1N6387 MPTE-22C
22.0
25.9
2.0
30.8
32.0
40.0
ICTE-36C 1N6388 MPTE-36C
36.0
42.4
2.0
50.6
54.3
23.0
ICTE-45C 1N6389 MPTE-45C
45.0
52.9
2.0
63.3
70.0
19.0
*ICTE-5 is not available in Bi-directional.
Suffix 'C' denotes Bi-directional device.
Certified RoHS Compliant
UL File # E223026
Part Numbers
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
STANDOFF VOLTAGE- 5.0 to 45.0V
1500 Watt Peak Power
MDE Semiconductor, Inc.
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
ICTE5.0 to ICTE15C MPTE-5 to MPTE-45
1N6373 to 1N6381 and 1N6382 to 1N6389


Similar Part No. - ICTE-18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICTE-18 ETC-ICTE-18 Datasheet
118Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSORS FOR MICROPROCESSOR PROTECTION
logo
Microsemi Corporation
ICTE-18 MICROSEMI-ICTE-18 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
ON Semiconductor
ICTE-18 ONSEMI-ICTE-18 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
logo
Vishay Siliconix
ICTE-18 VISHAY-ICTE-18 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Digitron Semiconductors
ICTE-18 DIGITRON-ICTE-18 Datasheet
218Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - ICTE-18

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com