Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK924LD107M Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RK924LD107M
Description  thick film resistors for high voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK924LD107M Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RK924LD107M Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK924LD107M Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RK92
thick film resistors for high voltage
PMS 300 neg.
Black neg.
features
High resistance resistors for high voltage circuits
Thin SIP shape
The flame retardant coats corresponding to UL94V-0
are used
Thick film resistors (RuO2) ensure high stabilities
in life and change in aging
Marking: Black body color
Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
D: SnAgCu
(Other termination material
styles may be available,
please contact factory
for options)
ordering information
±2% ~ ±10%:
2 significant figures
+ 1 multiplier
±1%: 3 significant figures
+ 1 multiplier
9C
8C
7C
5C
3C
5L
4L
6L
F: ±1%
G: ±2%
J: ±5%
K: ±10%
M: ±20%
RK92
5L
Type
Style
Nominal
Resistance
Resistance
Tolerance
Termination
Surface Material
New Part #
D
107
J
dimensions and construction
a
H
Resistive
Film
Inner Insulation
Coating
Inner
Electrode Ceramic
Substrate
L
Outer
Coating Resin
Terminal
b
P
d
c
L (Max.)
9C
1.02
(26.0)
.098
(2.5)
.200
(5.08)
.925
(23.5)
.823
(20.9)
8C
7C
5C
Type
H (Max.)
c (Max.)
Dimensions inches
(mm)
.622
(15.8)
3C
.425
(10.8)
5L
.602
(15.3)
4L
.500
(12.7)
6L
.701
(17.8)
P
.902±.008
(22.9±0.2)
.799±.008
(20.3±0.2)
.701±.008
(17.8±0.2)
.5±.008
(12.7±0.2)
.3±.008
(7.62±0.2)
.5±.008
(12.7±0.2)
.402±.008
(10.2±0.2)
.598±.008
(15.2±0.2)
.010±.004
(0.25±0.1)
d
.020±.004
(0.5±0.1)
a
.118±.020
.012
(3.0+0.5)
-0.3
b
.256
(6.5)
EU
119
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/11/08
1733 Reader's Spreads pg1-203:document
1/27/09
4:09 PM
Page 117


Similar Part No. - RK924LD107M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK92SLD107J KOA-RK92SLD107J Datasheet
244Kb / 2P
   thick film resistors for high voltage
More results

Similar Description - RK924LD107M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK92SLD107J KOA-RK92SLD107J Datasheet
244Kb / 2P
   thick film resistors for high voltage
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HTE RIEDON-HTE Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
   HIGH VOLTAGE THICK FILM PLANAR RESISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com