Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8210W Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV8210W
Description  A Spindle CD-ROM Actuator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8210W Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV8210W Datasheet HTML 1Page - Sanyo Semicon Device LV8210W Datasheet HTML 2Page - Sanyo Semicon Device LV8210W Datasheet HTML 3Page - Sanyo Semicon Device LV8210W Datasheet HTML 4Page - Sanyo Semicon Device LV8210W Datasheet HTML 5Page - Sanyo Semicon Device LV8210W Datasheet HTML 6Page - Sanyo Semicon Device LV8210W Datasheet HTML 7Page - Sanyo Semicon Device LV8210W Datasheet HTML 8Page - Sanyo Semicon Device LV8210W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LV8210W
No.7461-4/15
Pin Assignment
Pin Functions
Pin No.
Pin name
Function
1
RF1
Output current detection pin. The drive current is detected using the low resistance resistor inserted between this pin and
ground.
2
RF2
Output current detection signal input pin. Short-circuit this pin to RF1 pin (pin 1).
3
VS
Spindle motor drive power supply. Insert a capacitor between this pin and ground.
4
COM
Spindle motor common point connection.
5
CP
Charge pump stepped-up voltage pulse output. Insert a capacitor between this pin and CPC (pin 6).
6
CPC
Charge pump stepped-up voltage connection. Insert a capacitor between this pin and CP (pin 5).
7
VG
Charge pump stepped-up voltage output. Insert a capacitor between this pin and ground.
8
VCC
Power supply. Insert a capacitor between this pin and ground.
9
FG1
FG pulse output pin (MOS output).
Outputs a pulse signal equivalent to a one Hall sensor system pulse out put.
10
FG3
FG pulse output pin ( MOS output).
Outputs a pulse signal equivalent to a three Hall sensor system pulse out put.
11
FIL
Motor position detection comparator filter. Insert a capacitor between this pin and COMIN (pin 12).
12
COMIN
Motor position detection comparator filter. Insert a capacitor between this pin and FIL (pin 11).
13
VCO
VCO connection. Insert a capacitor between this pin and ground.
The VCO frequency follows the motor speed as indicated by the VCOIN pin voltage.
14
RMAX
VCO maximum frequency setting. Insert a resistor between this pin and ground.
Making the value of the resistor smaller increases the frequency.
Set the frequency so that the VCO oscillator frequency when the VCOIN pin voltage is VCC - 1V is over 48 times the switching
frequency at the maximum motor speed.
15
RMIN
VCO minimum frequency setting
Making the value of the resistor smaller increases the frequency.
Continued on next page.
LV8210W
NC
44
45
46
47
48
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
17
16
15
14
13
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
PGND3
OUT3R
VS3
MUTE
BRK
S/S
CF1
IN1
CF2
IN2
SGND
CF3
VCO
COMIN
FIL
FG3
FG1
VCC
VG
CPC
CP
COM
VS
RF2
RF1
UOUT
OUT3F
Top view


Similar Part No. - LV8210W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8212T SANYO-LV8212T Datasheet
154Kb / 13P
   System Motor Driver
More results

Similar Description - LV8210W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1916 SANYO-LB1916 Datasheet
127Kb / 7P
   CD-ROM Spindle Motor Driver
logo
Rohm
BA6855AFM ROHM-BA6855AFM Datasheet
131Kb / 8P
   CD-ROM spindle motor driver
BD6669FV ROHM-BD6669FV Datasheet
213Kb / 17P
   3Phase spindle motor driver for CD-ROM
BD6665FM ROHM-BD6665FM Datasheet
218Kb / 2P
   Spindle motor driver IC for CD-ROM/RW
logo
NEC
UPD16882 NEC-UPD16882 Datasheet
190Kb / 20P
   MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Renesas Technology Corp
PD16856 RENESAS-PD16856_15 Datasheet
229Kb / 18P
   MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Sanyo Semicon Device
LB11975 SANYO-LB11975 Datasheet
118Kb / 12P
   High-Speed CD-ROM Spindle Motor Driver IC
logo
NEC
UPD16856 NEC-UPD16856 Datasheet
102Kb / 16P
   MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
   3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
logo
LSI Computer Systems
BH6526FV LSI-BH6526FV Datasheet
179Kb / 2P
   Actuator/Motor Driver for CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com