Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04P44 Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # BZW04P44
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

BZW04P44 Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  BZW04P44 Datasheet HTML 1Page - MDE Semiconductor, Inc. BZW04P44 Datasheet HTML 2Page - MDE Semiconductor, Inc. BZW04P44 Datasheet HTML 3Page - MDE Semiconductor, Inc. BZW04P44 Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94 V-O
• Glass passivated chip junction in DO-41 package
• 400W surge capability at 1ms
• Excellent clamping capability
• Low zener impedance
• Low incremental surge resistance
• Excellent clamping capability
• Fast response time: typically less than
1.0 ps from 0 volts to BV min
• Typical IR less than 1µA above 10V
• High temperature soldering guaranteed:
300°C/10 seconds/ .375", (9.5mm) lead
length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-41 Molded plastic
Terminals: Axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.012 ounces, 0.3 grams
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For Capacitive load, derate current by 20%
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation at TA = 25 °C, TP = 1ms
(NOTE 1)
Ippm
SEE TABLE 1
Amps
Superimposed on Rated Load, (JEDEC Method)(Note 3)
Operatings and Storage Temperature Range
TJ, TSTG
-55 +175
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 °C per Fig.2.
2. Mounted on Copper Pad area of 1.6x1.6" (40x40mm) per Fig.5.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum.
MAXIMUM RATINGS AND CHARACTERISTICS
VOLTAGE-6.8 TO 376 Volts
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
Dimensions in inches (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types BZW-04-5V8 thru types BZW04-376 (e.g. BZW04-5V8B, BZW04-376B)
Electrical characteristics apply in both directions.
MDE Semiconductor, Inc.
I
FSM
40
Amps
P
PPM
Minimum 400
Watts
BZW04 SERIES
400 Watt Peak Pulse Power
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine-wave
Peak Pulse Current of on 10/1000 µs waveform (Note 1)
Steady State Power Dissipation at
TL = 75°C
Lead
lengths .375", 9.5mm (Note 2)
PM(AV)
1.0


Similar Part No. - BZW04P44

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZW04P44 EIC-BZW04P44 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
BZW04P44 GE-BZW04P44 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
DB Lectro Inc
BZW04P44 DBLECTRO-BZW04P44 Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04P44 BILIN-BZW04P44 Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04P44 VISHAY-BZW04P44 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

Similar Description - BZW04P44

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com