Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK73B2BRTTD Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RK73B2BRTTD
Description  flat chip resistors (anti-sulfuration)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73B2BRTTD Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RK73B2BRTTD Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73B2BRTTD Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RK73-RT
flat chip resistors (anti-sulfuration)
15
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
10/30/08
Operating
Temperature
Range
Rated
Ambient
Temperature
Maximum
Surge
Current
Part
Designation*
Resistance
Current
Rating
applications and ratings
-55°C to +155°C
+70°C
RK73ZW2H
RK73Z1E
RK73Z1J
5A
10A
2A
1A
2A
50m
Ω max.
PMS 300 neg.
Black neg.
Maximum
Working
Voltage
Resistance Range
E24, E96
(D±0.5%)
E24, E96
(F±1%)
E24
(G±2%)
E24
(J±5%)
RK73B1E
RK73H1E
RK73B1J
RK73H1J
RK73B2A
RK73H2A
RK73B2B
RK73H2B
RK73B2E
RK73H2E
RK73BW2H
RK73HW2H
RK73BW3A
RK73HW3A
±100
±200
±100
±200
±100
±200
±100
±200
±100
Part
Designation
Maximum
Overload
Voltage
Operating
Temp.
Range
Rated
Ambient
Temp.
Power
Rating
@ 70°C
T.C.R.
(ppm/°C)
Max.
0.063W
0.1W
0.125W
0.25W
0.5W
0.33W
0.5W
0.33W
0.75W
1W
50V
100V
150V
200V
200V
400V
+70°C
100
Ω - 1MΩ
100
Ω - 1MΩ
––
100
Ω - 1MΩ
1.02k
Ω - 1MΩ
10
Ω - 1MΩ 10Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
10
Ω - 1MΩ
1.02M
Ω-10MΩ
100
Ω - 1MΩ
––
10
Ω - 10MΩ
10
Ω - 10MΩ
10
Ω - 10MΩ
-55°C
to
+155°C
1.02M
Ω-10MΩ
10
Ω - 1kΩ
1.1k
Ω - 1MΩ
±200
1.02M
Ω-10MΩ
10
Ω - 1kΩ
10
Ω - 10MΩ
±100
1.02k
Ω-1MΩ
10
Ω - 1MΩ
±200
1.02M
Ω-10MΩ
±100
10
Ω - 10MΩ
10
Ω - 10MΩ
1
Ω - 10MΩ
1
Ω - 10MΩ
1
Ω - 10MΩ
1
Ω - 1kΩ
1.1k
Ω - 1MΩ
1
Ω - 10MΩ
1
Ω - 10MΩ
1
Ω - 10MΩ
10
Ω - 1MΩ
±200
1.02M
Ω-10MΩ
10
Ω - 1MΩ
1.02M
Ω-10MΩ
100
Ω - 1kΩ
RK73H
RK73B
RK73Z2A
RK73Z2B
RK73Z2E
RK73ZW3A
Performance Characteristics
Parameter
RK73H, RK73B Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C and +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
RK73B, RK73H Rated Voltage x 2.5 for 5 seconds
(2B: Rated Voltage x 2 for 5 seconds)
RK73Z: Max. surge current for 5 seconds
±2%
±0.8%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1%, ±3%*
±1%, ±0.5%**
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 100 cycles
±0.5%
±0.3%
Moisture Resistance
40°C ± 2°C, 90%-95% RH, 1000 hours,
1.5 hr ON, 0.5 hr OFF cycle
±2%: 1J, 2A, 2B
±3%: Another
±0.75%: 1J, 2A,
2B; ±1%: Another
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%: 1J, 2A, 2B
±3%: Another
±0.75%: 1J, 2A,
2B; ±1%: Another
High Temperature Exposure
+155°C, 1000 hours
±1%
±0.5%
RK73Z Requirement ∆ R
Limit
Typical
R
≤50mΩ
N/A
R
≤40mΩ
N/A
R
≤50mΩ
R
≤40mΩ
R
≤50mΩ
R
≤40mΩ
Sulfuration Test
H2S 1000 ppm, 25°C, 90%Rh, 720 hours
±0.5%
—R
≤40mΩ
R
≤50mΩ
R
≤40mΩ
R
≤100mΩ
R
≤50mΩ
R
≤100mΩ
R
≤50mΩ
R
≤50mΩ
R
≤40mΩ
* ±1%: 10
Ω≤R≤1MΩ; ±3%: R<10Ω, R>1MΩ
** ±1%: R<10
Ω, R>1MΩ; ±0.5%: Another
environmental applications
1733 Reader's Spreads pg1-203:document
1/27/09
4:03 PM
Page 13


Similar Part No. - RK73B2BRTTD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73B2B KOA-RK73B2B Datasheet
93Kb / 2P
   general purpose 2%, 5%tolerance thick filmchip resistor
RK73B2B KOA-RK73B2B Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
RK73B2BGTA101G KOA-RK73B2BGTA101G Datasheet
864Kb / 2P
   THICK FILM竊뉷ENERAL PURPOSE竊
RK73B2BGTA101J KOA-RK73B2BGTA101J Datasheet
864Kb / 2P
   THICK FILM竊뉷ENERAL PURPOSE竊
RK73B2BGTA102G KOA-RK73B2BGTA102G Datasheet
385Kb / 2P
   general purpose 2%, 5% tolerance
More results

Similar Description - RK73B2BRTTD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H2ARTTD1002F KOA-RK73H2ARTTD1002F Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
RK73-RT KOA-RK73-RT Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
SG732ARTTD103K KOA-SG732ARTTD103K Datasheet
232Kb / 2P
   surge current flat chip resistors (anti-sulfuration)
SG731JRT KOA-SG731JRT Datasheet
90Kb / 2P
   surge current flat chip resistors (anti-sulfuration)
logo
WALSIN TECHNOLOGY CORPO...
SFXXT WALSIN-SFXXT Datasheet
1Mb / 10P
   Anti-Sulfuration Thin Film Chip Resistors
WR02X_V WALSIN-WR02X_V Datasheet
234Kb / 7P
   General purpose & Anti-sulfuration chip resistors
SFXXQ WALSIN-SFXXQ Datasheet
1Mb / 10P
   Anti-Sulfuration Thin Film Chip Resistors
logo
KOA Speer Electronics, ...
CN-RT KOA-CN-RT Datasheet
393Kb / 2P
   anti sulfuration chip networks
CN-KRT KOA-CN-KRT Datasheet
367Kb / 2P
   anti sulfuration chip networks
logo
American Accurate Compo...
CJS161000JM AAC-CJS161000JM Datasheet
163Kb / 1P
   THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com