Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX40-15.0C Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # MAX40-15.0C
Description  HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

MAX40-15.0C Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  MAX40-15.0C Datasheet HTML 1Page - MDE Semiconductor, Inc. MAX40-15.0C Datasheet HTML 2Page - MDE Semiconductor, Inc. MAX40-15.0C Datasheet HTML 3Page - MDE Semiconductor, Inc. MAX40-15.0C Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA. U.S.A. 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE
VOLTAGE - 5.0 to 150 Volts
40000 Watt Peak Pulse Power
FEATURES
• Glass passivated junction
• Bidirectional
• 40000W Peak Pulse Power
capability on 10x1000 µsec waveform
• Excellent clamping capability
• Repetition rate (duty cycle):0.05%
• Sharp breakdown voltage
• Low incremental surge resistance
• Fast response time: typically less
than 1.0 ps from 0 volts to BV
• Typical IR less than 20µA above 10V
• High temperature soldering performance.
MECHANICAL DATA
Terminals: Ag Plated Axial leads, solderable per
MIL-STD-750, Method 2026
Mounting Position: Any
Weight: 1.49 ± 0.149g (0.053 ± 0.005 ounces)
DEVICES FOR BIPOLAR APPLICATIONS
Bidirectional use C or CA Suffix. Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 10/1000 µsec
waveform
Peak Pulse Current on 10x1000 µsec waveform
MAX™ 40 Series
Pppm
Minimum 40000
Watts
Ippm
SEE CURVE
Amps
8/6/2002


Similar Part No. - MAX40-15.0C

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MAX40-150CA MDE-MAX40-150CA Datasheet
579Kb / 4P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 TO 150 Volts 40000 Watt Peak Pulse Power
MAX40-150CA MDE-MAX40-150CA Datasheet
426Kb / 4P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 to 150 Volts
MAX40-15CA MDE-MAX40-15CA Datasheet
579Kb / 4P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 TO 150 Volts 40000 Watt Peak Pulse Power
MAX40-15CA MDE-MAX40-15CA Datasheet
426Kb / 4P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 to 150 Volts
More results

Similar Description - MAX40-15.0C

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MAX20-5.0C MDE-MAX20-5.0C Datasheet
236Kb / 4P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE
logo
Infineon Technologies A...
ESD208-B1-02 INFINEON-ESD208-B1-02 Datasheet
3Mb / 17P
   TVS Diode Transient Voltage Suppressor Diodes
Revision 1.2, 2013-11-29
ESD203-B1-02 INFINEON-ESD203-B1-02 Datasheet
842Kb / 14P
   TVS Diode Transient Voltage Suppressor Diodes
Revision 1.3, 2013-12-19
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
   TVS Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
logo
Tiger Electronic Co.,Lt...
5KP TGS-5KP Datasheet
265Kb / 4P
   TVS Transient Voltage Suppressor
logo
Digitron Semiconductors
P4KE6.8 DIGITRON-P4KE6.8 Datasheet
422Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR (TVS)
logo
Infineon Technologies A...
ESD101-B1-02ELS INFINEON-ESD101-B1-02ELS Datasheet
656Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2015-07-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com