Electronic Components Datasheet Search
Selected language     English  ▼


LCE28 Datasheet(PDF) 2 Page - MDE Semiconductor, Inc.

Part No. LCE28
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MDE [MDE Semiconductor, Inc.]
Homepage  http://www.mdesemiconductor.com
Logo 

   
 2 page
background image
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
RATING AND CHARACTERISTIC CURVES LCE6.5 THRU LCE28A
0.1
1
10
100
10ms
0.1µs
1.0µs
10µs
100µs
1.0ms
td - Pulse Width (sec.)
Fig. 1 - Peak Pulse Power Rating Curve
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
Fig.2-Power Derating Curve
TL Lead Temperature (°C)
Average Power
Peak Power
(single pulse)
Lead Lengths
0.375" (9.5mm)
3.0
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width (t d)
is defined as the point
where the peak current
decays to 50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value- IPPM
2
t - Time(ms)
100
0
3.0
Low Capacitance
TVS
Fig. 4 - AC Line Protection Application
Application Note:
Device must be used
with two units in parallel,opposite in polarity
as shown in circuit for AC signal line
protection.




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NUP8010MNLow Capacitance Transient Voltage Suppressor Array 1 2 3 4 ON Semiconductor
NUP8028MNLow Capacitance Transient Voltage Suppressor Array 1 2 3 4 ON Semiconductor
NUP8011MULow Capacitance Transient Voltage Suppressor Array 1 2 3 4 ON Semiconductor
NUP8100DLow Capacitance Transient Voltage Suppressor Array 1 2 3 4 ON Semiconductor
LCE61500W Low Capacitance Transient Voltage Suppressor 1 2 3 4 5 TAITRON Components Incorporated
SACLow Capacitance Transient Voltage Suppressor Diodes 1 2 3 4 Taiwan Semiconductor Company, Ltd
SAC5500W Low Capacitance Transient Voltage Suppressor 1 2 3 4 TAITRON Components Incorporated
CLCS145V0-GLow Capacitance Bidirectional ESD / Transient Suppressor 1 Comchip Technology
PJDLC05ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES 1 2 3 4 Pan Jit International Inc.
LFTVS7-1F3Low forward voltage TransiTM transient voltage suppressor 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl